Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT573AMTCX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74VHCT573AMTCX
Description  Octal D-Type Latch with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT573AMTCX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VHCT573AMTCX Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT573AMTCX Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT573AMTCX Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT573AMTCX Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT573AMTCX Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT573AMTCX Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT573AMTCX Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT573AMTCX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 6)
Note 2: Absolute Maximum Ratings are values beyond which the device
may be damaged or have its useful life impaired. The databook specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside databook specifica-
tions.
Note 3: HIGH or LOW state. IOUT absolute maximum rating must be
observed.
Note 4: When outputs are in OFF-State or when VCC
OV.
Note 5: VOUT  GND, VOUT ! VCC (Outputs Active).
Note 6: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics
Note 7: Parameter guaranteed by design.
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Voltage (VIN)
0.5V to 7.0V
DC Output Voltage (VOUT)
(Note 3)
0.5V to VCC  0.5V
(Note 4)
0.5V to 7.0V
Input Diode Current (IIK)
20 mA
Output Diode Current (IOK) (Note 5)
r20 mA
DC Output Current (IOUT)
r25 mA
DC VCC/GND Current (ICC)
r75 mA
Storage Temperature (TSTG)
65qC to 150qC
Lead Temperature (TL)
(Soldering, 10 seconds)
260
qC
Supply Voltage (VCC)4.5V to 5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)
(Note 3)
0V to VCC
(Note 4)
0V to 5.5V
Operating Temperature (TOPR)
40qC to 85qC
Input Rise and Fall Time (tr, tf)
VCC 5.0V r 0.5V
0 ns/V
a 20 ns/V
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level
4.5
2.0
2.0
V
Input Voltage
5.5
2.0
2.0
VIL
LOW Level
4.5
0.8
0.8
V
Input Voltage
5.5
0.8
0.8
VOH
HIGH Level
4.5
4.40
4.50
4.40
V
VIN VIH
IOH 50 PA
Output Voltage
4.5
3.94
3.80
V
or VIL IOH 8 mA
VOL
LOW Level
4.5
0.0
0.1
0.1
V
VIN VIH
IOL 50 PA
Output Voltage
4.5
0.36
0.44
V
or VIL IOL 8 mA
IOZ
3-STATE Output
5.5
r0.25
r2.5
PA
VIN VIH or VIL
Off-State Current
VOUT VCC or GND
IIN
Input Leakage Current
0
 5.5
r0.1
r1.0
PAVIN 5.5V or GND
ICC
Quiescent Supply Current
5.5
4.0
40.0
PAVIN VCC or GND
ICCT
Maximum ICC/Input
5.5
1.35
1.50
mA
VIN 3.4V
Other Inputs
VCC or GND
IOFF
Output Leakage Current
0.0
0.5
5.0
PAVOUT 5.5V
(Power Down State)
Symbol
Parameter
VCC
(V)
TA 25qC
Units
Conditions
Typ
Limits
VOLP
Quiet Output Maximum Dynamic VOL
5.0
1.2
1.6
V
CL 50 pF
(Note 7)
VOLV
Quiet Output Minimum Dynamic VOL
5.0
1.2
1.6
V
CL 50 pF
(Note 7)
VIHD
Minimum HIGH Level Dynamic Input Voltage
5.0
2.0
V
CL 50 pF
(Note 7)
VILD
Maximum LOW Level Dynamic Input Voltage
5.0
0.8
V
CL 50 pF
(Note 7)


Similar Part No. - 74VHCT573AMTCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VHCT573AMTC ONSEMI-74VHCT573AMTC Datasheet
266Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
May 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHCT573AMTC FAIRCHILD-74VHCT573AMTC_07 Datasheet
267Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
More results

Similar Description - 74VHCT573AMTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com