Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-4003 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # AN-4003
Description  PC POWER SUPPLY DESIGN WITH KA3511
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-4003 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button AN-4003 Datasheet HTML 3Page - Fairchild Semiconductor AN-4003 Datasheet HTML 4Page - Fairchild Semiconductor AN-4003 Datasheet HTML 5Page - Fairchild Semiconductor AN-4003 Datasheet HTML 6Page - Fairchild Semiconductor AN-4003 Datasheet HTML 7Page - Fairchild Semiconductor AN-4003 Datasheet HTML 8Page - Fairchild Semiconductor AN-4003 Datasheet HTML 9Page - Fairchild Semiconductor AN-4003 Datasheet HTML 10Page - Fairchild Semiconductor AN-4003 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
Rev C, November 1999
5. ELECTRICAL CHARACTERISTICS (continued)
Notes:
1. These Parameters, although guaranteed over their recommended operating conditions are not 100%
tested in production.
2. REM on delay time (Pin6 REM: “L”
→ “H”),
REM off delay time (Pin6 REM: “H”
→ “L”)
Characteristic
Symbol
Test Condition
Value
Unit
Min. Typ. Max.
Over voltage protection for 5V
VOVP2
5.8
6.2
6.6
V
Over voltage protection for 12V
VOVP3
13.5
14.2
15.0
V
Input threshold voltage for PT
VPT
1.20
1.25
1.30
Under voltage protection for 3.3V
VUVP1
2.1
2.3
2.5
V
Under voltage protection for 5V
VUVP2
3.7
4.0
4.3
V
Under voltage protection for 12V
VUVP3
9.2
10
10.8
V
Charging current for UVP delay
ICHG.UVP
C=2.2µF, VTH =1.8V
-10
-15
-23
uA
UVP Delay Time
TD.UVP
C=2.2µF
100
260
500
ms
REMOTE ON/OFF SECTION
REM on input voltage
VREMH
IREM = -200µA
2.0
V
REM off input voltage
VREML
0.8
V
REM off input bias voltage
IREML
VREM =0.4V
-1.6
mA
REM on open voltage
VREM(OPEN)
2.0
5.25
V
REM on delay time
Ton
C=0.1µF
4
8
14
ms
REM off delay time
Toff
C=0.1µF
16
24
34
ms
REMOTE ON/OFF SECTION(2)
Detecting input voltage
VIN(DET)
1.20
1.25
1.30
V
Detecting V5 voltage
V5(DET)
4.1
4.3
4.5
V
Hysteresis voltage 1
HY1
COMP1, 2
10
40
80
mV
Hysteresis voltage 2
HY2
COMP3
0.6
1.2
V
PG output load resistor
RPG
0.5
1
2
k
Charging current for PG delay
ICHG.PG
C=2.2µF, VTH =1.8V
-10
-15
-23
uA
PG delay time
TD.PG
C=2.2µF
100
260
500
ms
PG output saturation voltage
VSAT(PG)
IPG =10mA
0.4
0.2
V
TOTAL DEVICE
Standby supply current
ICC
––
10
20
mA


Similar Part No. - AN-4003

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AN-4005 MA-COM-AN-4005 Datasheet
4Mb / 2P
   MAFL-009272 Improved rejection circuit 5 - 1002 / 1125 - 1550 MHz
logo
Fairchild Semiconductor
AN-400A FAIRCHILD-AN-400A Datasheet
305Kb / 8P
   Low-Power Green-Mode PWM Flyback Power Controller
More results

Similar Description - AN-4003

ManufacturerPart #DatasheetDescription
logo
Shenzhen Dongfangteng T...
EST7502B EST-EST7502B Datasheet
159Kb / 7P
   PC Power Supply PWM with Supervisor
2007-10-15 V2
logo
ADL Embedded Solutions
ADLPS104CF ADL-ADLPS104CF Datasheet
185Kb / 1P
   Power Supply with CF Socket PC/104
logo
Mean Well Enterprises C...
YP-350J-AA MEANWELL-YP-350J-AA Datasheet
312Kb / 2P
   350WATX with 24V industrial PC Power Supply
logo
Lite-On Technology Corp...
PS-5651-2 LITEON-PS-5651-2 Datasheet
357Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5551-2 LITEON-PS-5551-2 Datasheet
351Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5751-2 LITEON-PS-5751-2 Datasheet
356Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5851-2 LITEON-PS-5851-2 Datasheet
357Kb / 3P
   PC Power Supply ATX Series with Modular
logo
BOSER Technology Co., L...
BBS-4016-E BOSER-BBS-4016-E Datasheet
500Kb / 1P
   Compact PC design
BBS-4020-E BOSER-BBS-4020-E Datasheet
639Kb / 1P
   Compact PC design
BBS-4016-F BOSER-BBS-4016-F Datasheet
224Kb / 1P
   compact pc design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com