Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S0720780 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S0720780
Description  DYMO D1 tapes make their home wherever labelling takes you
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S0720780 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S0720780 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14
15
D1 labels
Topperformersonanystage,DYMOD1tapesmaketheirhomewhereverlabellingtakesyou:
the office, workshop, retail outlet or on the road. Tapes are supplied with DYMO’s Easy Peel back-slit
fortrouble-freelabelapplication.Availablein6,9,12,19and24mmwidthsin7-meterrolls.
Key features
• Singlecassettesystem
• Thermaltransfertechnology
• 12differentcolourcombinations
• 5differentwidths
• Quickandeasytouse–justinsertthecassetteandstartlabelling
Length = 7m
Width
6mm*
9mm
12mm
19mm
24mm
Colour
ABC
black on transparent
S0720770
S0720280
S0720670
S0720820
S0720920
ABC
black on white
S0720780
S0720680
S0720530
S0720830
S0720930
ABC
black on yellow
S0720790
S0720730
S0720580
S0720880
S0720980
ABC
black on blue
S0720710
S0720560
S0720860
S0720960
ABC
black on green
S0720740
S0720590
S0720890
S0720990
ABC
black on red
S0720720
S0720570
S0720870
S0720970
ABC
white on transparent
S0720600
S0720900
S0721000
ABC
white on black
S0720610
S0720910
S0721010
ABC
blue on white
S0720690
S0720540
S0720840
S0720940
ABC
blue on transparent
S0720510
ABC
red on white
S0720700
S0720550
S0720850
S0720950
ABC
red on transparent
S0720520
Packaging quantity
1/5
1/5
1/5
1/5
1/5
Which tapes work with your DYMO labeller?
Types
6mm
9mm
12mm
19mm
24mm
LabelManager 120P
LabelManager 210D
LabelManager 220P
LabelPoint 250
LabelPoint 350
LabelManager 350D
LabelManager 450D
LMPC II
SelectedD1tapesarealsosuitableforthefollowingDYMOmachines:1000,1000Plus,2000,3500,4500,5000,5500,Pocket,LabelManager100,LabelManager100+,
LabelManager 150, LabelManager 200, LabelManager 300, LabelPoint 100, LabelPoint 150, LabelPoint 200, LabelPoint 300, LabelManager PC.
Standard range D1 labels
Removable
Label can be removed leaving a clean surface
Surfaces
Sticks to almost all clean flat surfaces
(plastic,paper,metal,wood,glass)
Water resistant
Resistant to water, oils and fats as well as
most weaker solvents
UV
Resists ultraviolet exposure
Easy peel
Forconvenientremovaloftheliner


Similar Part No. - S0720780

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
S0720EA HUAXINAN-S0720EA Datasheet
293Kb / 6P
   SIDACtor Protection Thyristors
S0720EB HUAXINAN-S0720EB Datasheet
293Kb / 6P
   SIDACtor Protection Thyristors
S0720EC HUAXINAN-S0720EC Datasheet
293Kb / 6P
   SIDACtor Protection Thyristors
More results

Similar Description - S0720780

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TZ-344 ETC2-TZ-344 Datasheet
427Kb / 2P
   High performance tapes for all labelling applications
IS15DSBFP4RGB ETC2-IS15DSBFP4RGB Datasheet
3Mb / 5P
   Switches that make you smarter
RS-1215-20 ETC2-RS-1215-20 Datasheet
473Kb / 4P
   Tripp Lite Power Strip - Multiple outlets wherever you need them
SS7619-15 ETC2-SS7619-15 Datasheet
464Kb / 4P
   Tripp Lite Power Strip with Surge Suppression - Multiple outlets wherever you need them
logo
3M Electronics
9464 3M-9464 Datasheet
344Kb / 3P
   Splicing Tapes
8901 3M-8901 Datasheet
29Kb / 2P
   Polyester Tapes
logo
Bertech.
ESDBPT BERTECH-ESDBPT Datasheet
220Kb / 1P
   ESD Polyester Tapes
logo
3M Electronics
9425 3M-9425 Datasheet
61Kb / 5P
   3M Repositionable Tapes
F9473PC 3M-F9473PC Datasheet
365Kb / 3P
   Adhesive Transfer Tapes
9492MP 3M-9492MP Datasheet
189Kb / 4P
   Double Coated Tapes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com