Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1555C1H2R0BA01D Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # GRM1555C1H2R0BA01D
Description  Chip Monolithic Ceramic Capacitors
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM1555C1H2R0BA01D Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button GRM1555C1H2R0BA01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM1555C1H2R0BA01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM1555C1H2R0BA01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM1555C1H2R0BA01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM1555C1H2R0BA01D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM1555C1H2R0BA01D Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM1555C1H2R0BA01D Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRM1555C1H2R0BA01D Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GRM1555C1H2R0BA01D Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 221 page
background image
8
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Chip Monolithic Ceramic Capacitors
For General Purpose GRM Series
s Features
1. Higher resistance of solder-leaching due to
the Ni-barriered termination, applicable for
reflow-soldering, and flow-soldering
(GRM18/21/31 type only).
2. The GRM series is a lead free product.
3. Smaller size and higher capacitance value.
4. High reliability and no polarity.
5. Excellent pulse response and noise reduction
due to the low impedance at high frequency.
6. The GRM series is available in paper or embossed
tape and reel packaging for automatic placement.
Bulk case packaging is also available for GRM15/
18/21(T=0.6,1.25).
7. TA replacement.
s Applications
General electronic equipment
Part Number
LW
T
Dimensions (mm)
e
g min.
0.4
±0.02
0.6
±0.03
1.0
±0.05
1.6
±0.1
2.0
±0.1
3.2
±0.15
3.2
±0.2
3.2
±0.3
0.2
±0.02
0.3
±0.03
0.5
±0.05
0.8
±0.1
1.25
±0.1
1.6
±0.15
1.6
±0.2
2.5
±0.2
0.2
±0.02
0.3
±0.03
0.25
±0.05
0.3
±0.03
0.5
±0.05
0.5 +0/-0.1
0.8
±0.1
0.6
±0.1
0.85
±0.1
1.0 +0/-0.2
1.25
±0.1
0.6
±0.1
0.85
±0.1
1.15
±0.1
1.6
±0.2
0.85 +0.15/-0.05
1.0 +0/-0.2
1.15
±0.1
1.35
±0.15
1.6
±0.2
1.8
±0.2
2.0
±0.2
2.5
±0.2
0.07 to 0.14
0.1 to 0.2
0.1 to 0.3
0.15 to 0.35
0.2 to 0.5
0.2 to 0.7
0.3 to 0.8
0.3 min.
0.13
0.2
0.4
0.3
0.5
0.7
1.5
1.0
* Bulk Case: 1.6
±0.07(L)g0.8 ±0.07(W)g0.8 ±0.07(T)
The figures indicate typical specification.
GRM022
GRM033
GRM15X
GRM153
GRM155
GRM185
GRM188*
GRM216
GRM219
GRM21A
GRM21B
GRM316
GRM319
GRM31M
GRM31C
GRM329
GRM32A
GRM32M
GRM32N
GRM32C
GRM32R
GRM32D
GRM32E
L
W
e
e
g
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20


Similar Part No. - GRM1555C1H2R0BA01D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
GRM1555C1H2R0BA01D IDT-GRM1555C1H2R0BA01D Datasheet
1Mb / 27P
   Matched Broadband RF VGA
logo
Renesas Technology Corp
GRM1555C1H2R0BA01D RENESAS-GRM1555C1H2R0BA01D Datasheet
2Mb / 28P
   400 MHz ??2700 MHz 13 dB typical max gain
More results

Similar Description - GRM1555C1H2R0BA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com