Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R61C225KE15D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # GRM188R61C225KE15D
Description  CHIP MONOLITHIC CERAMIC CAPACITOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM188R61C225KE15D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GRM188R61C225KE15D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM188R61C225KE15D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM188R61C225KE15D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM188R61C225KE15D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM188R61C225KE15D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM188R61C225KE15D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM188R61C225KE15D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FM7500U-092-NOV09
muRata GRM Hi-Cap 2009_11
All information is subject to change without notice, is not warranted in any fashion.
GRM series / Hi
GRM series / Hi--Cap (1uF and over)
Cap (1uF and over)
CHIP MONOLITHIC CERAMIC CAPACITOR
< X6S(X6T) >
Chip size and Capacitance range
Page.2
Type
Size
WV
4
2.5
16
10
X6S
6.3
X6S
4
X6S
50
25
X6S
16
X6S
10
X6S
6.3
X6S
4
X6S
X6S
2.5
X6S
35
X6S
25
X6S
16
10
X6S
6.3
X6S
X6S
4
X6S
X6T
25
X6S
10
X6S
X6S
X6S
X6S
X6S
0603
GRM18
GRM21
0805
X6S
47
100
22
4.7
10
GRM15
0402
1
2.2
X6S
X6S
GRM31
1206
GRM32
1210
X6S
Mass Production
Under Development
25
X7R
16
X7R
10
X7R
X7R
6.3
X7R
X7S
50
X7R
25
X7R
X7R
16
X7R
X7R
10
X7R
X7R
X7R
6.3
X7R
X7R
4
X7U
100
X7R
50
X7R
X7R
X7R
25
X7R
X7R
X7R
16
X7R
X7R
X7R
10
X7R
6.3
X7R
X7R
4
X7U
100
X7R
X7R
50
X7R
35
X7R
25
X7R
X7R
16
X7R
X7R
10
X7R
6.3
X7R
4
X7U
GRM32
1210
GRM21
0805
GRM31
1206
Size
22
100
X7R
X7S
X7S
X7R
GRM18
0603
WV
Capacitance Value (uF)
1
47
2.2
4.7
10
Type
X7R
NEW
NEW
NEW
< X7R (X7S, X7T, X7U) >
NEW


Similar Part No. - GRM188R61C225KE15D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GRM188R61C225KE15D TI-GRM188R61C225KE15D Datasheet
853Kb / 42P
[Old version datasheet]   Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
logo
Murata Manufacturing Co...
GRM188R61C225KE15D MURATA1-GRM188R61C225KE15D Datasheet
556Kb / 4P
   Ceramic Capacitors(SMD)
11/08/2022
logo
Toshiba Semiconductor
GRM188R61C225KE15D TOSHIBA-GRM188R61C225KE15D Datasheet
906Kb / 39P
   System power IC
2016-09-29
logo
Texas Instruments
GRM188R61C225KE15D TI-GRM188R61C225KE15D Datasheet
534Kb / 27P
[Old version datasheet]   Tiva™ C Series TM4C123G LaunchPad Evaluation Board
April 2013
More results

Similar Description - GRM188R61C225KE15D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0222C1H4R5BA03 MURATA-GRM0222C1H4R5BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8WA03 MURATA-GRM0222C1H4R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R1DA03 MURATA-GRM0222C1H5R1DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R2DA03 MURATA-GRM0222C1H5R2DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R1BA03 MURATA-GRM0222C1H4R1BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8CA03 MURATA-GRM0222C1H4R8CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GNM314R71H104MA11 MURATA-GNM314R71H104MA11 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM2145C1H470KD01 MURATA-GNM2145C1H470KD01 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H220KD01 MURATA-GNM1M25C1H220KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GRM0222C1H4R1WA03 MURATA-GRM0222C1H4R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R3CA03 MURATA-GRM0222C1H4R3CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com