Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2304GN-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP2304GN-HF
Description  Simple Drive Requirement, Small package outline
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2304GN-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP2304GN-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2304GN-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2304GN-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2304GN-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP2304GN-HF
Fig7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4
0
0
1
10
100
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
1s
1ms
10ms
100ms
DC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 270℃/W
t
T
0
2
4
6
8
10
01
23
45
6
Q G , Total Gate Charge (nC)
V DS =15V
I D =2.5A
10
100
1000
1
5
9
1317
2125
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
td(on) tr
td(off) tf
VDS
VGS
10%
90%
Q
VG
10V
QGS
QGD
QG
Charge


Similar Part No. - AP2304GN-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2304GN-HF A-POWER-AP2304GN-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP2304GN-HF A-POWER-AP2304GN-HF_16 Datasheet
62Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP2304GN-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2317GN-HF A-POWER-AP2317GN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2309AGN-HF A-POWER-AP2309AGN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2309GN-HF A-POWER-AP2309GN-HF Datasheet
113Kb / 5P
   Simple Drive Requirement, Small Package Outline
AP9451GG A-POWER-AP9451GG Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2305GN-HF A-POWER-AP2305GN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2307GN-HF A-POWER-AP2307GN-HF Datasheet
62Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2316GN-HF A-POWER-AP2316GN-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP9451GG-HF A-POWER-AP9451GG-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2N7002K-HF A-POWER-AP2N7002K-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2326GN-HF A-POWER-AP2326GN-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Small Package Outline
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com