Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2314GN-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP2314GN-HF
Description  Capable of 2.5V gate drive, Lower on-resistance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2314GN-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP2314GN-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2314GN-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2314GN-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2314GN-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP2314GN-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Circuit
4
0
2
4
6
8
10
12
024
68
Q G , Total Gate Charge (nC)
I D =3A
V DS =10V
V DS =12V
V DS =16V
10
100
1000
1
5
9
13
17
21
25
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
Q
VG
4.5V
QGS
QGD
QG
Charge
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 360℃/W
t
T
0.01
0.1
1
10
100
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
1ms
10ms
100ms
1s
DC
T A =25
o C
Single Pulse
0
5
10
15
02
46
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V


Similar Part No. - AP2314GN-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2314GN-HF A-POWER-AP2314GN-HF_14 Datasheet
101Kb / 4P
   Surface mount package
More results

Similar Description - AP2314GN-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2306CGN-HF A-POWER-AP2306CGN-HF Datasheet
99Kb / 4P
   Capable of 2.5V gate drive, Lower on-resistance
AP2306CGTN-HF A-POWER-AP2306CGTN-HF Datasheet
102Kb / 4P
   Capable of 2.5V Gate Drive, Lower On-resistance
AP2614GY-HF A-POWER-AP2614GY-HF Datasheet
58Kb / 4P
   Capable of 2.5V Gate Drive, Lower On-resistance
AP9620AGM-HF A-POWER-AP9620AGM-HF Datasheet
99Kb / 4P
   Capable of 2.5V Gate Drive, Lower On-resistance
AP2451GY-HF A-POWER-AP2451GY-HF Datasheet
92Kb / 7P
   Capable of 2.5V Gate Drive, Lower on-resistance
AP2306GN-HF A-POWER-AP2306GN-HF Datasheet
105Kb / 4P
   Capable of 2.5V gate drive, Lower on-resistance
AP2426GEY-HF A-POWER-AP2426GEY-HF Datasheet
105Kb / 4P
   Capable of 2.5V Gate Drive, Lower on-resistance
AP4436GM A-POWER-AP4436GM Datasheet
183Kb / 5P
   Low on-resistance, Capable of 2.5V gate drive
AP9924AGO-HF A-POWER-AP9924AGO-HF Datasheet
101Kb / 4P
   Low on-resistance, Capable of 2.5V gate drive
AP4224LGM-HF A-POWER-AP4224LGM-HF Datasheet
80Kb / 2P
   Low On-Resistance, Capable of 2.5V Gate Drive
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com