Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2530GY-HF Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP2530GY-HF
Description  Low Gate Charge, Low On-resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2530GY-HF Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP2530GY-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 5Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 6Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP2530GY-HF
N-Channel
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
5
Q
VG
4.5V
QGS
QGD
QG
Charge
0
3
6
9
12
01
23
45
Q G , Total Gate Charge (nC)
I D =3 A
V DS =25 V
10
100
1000
1
5
9
1317
2125
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0
2
4
6
8
02
46
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
100us
1ms
10ms
100ms
1s
DC
T A =25
o C
Single Pulse
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
t , Pulse Width (s)
0.02
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 180℃/W
t
T
0.01
Operation in this
area limited by
RDS(ON)


Similar Part No. - AP2530GY-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2530GY-HF A-POWER-AP2530GY-HF_14 Datasheet
91Kb / 7P
   Surface Mount Package
AP2530GY-HF A-POWER-AP2530GY-HF_16 Datasheet
88Kb / 8P
   Surface Mount Package
More results

Similar Description - AP2530GY-HF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL7NM60N STMICROELECTRONICS-STL7NM60N Datasheet
786Kb / 13P
   Low input capacitance and gate charge, Low gate input resistance
logo
Advanced Power Electron...
AP9T18GH A-POWER-AP9T18GH_14 Datasheet
218Kb / 6P
   Low Gate Charge
AP9T15GHJ-HF A-POWER-AP9T15GHJ-HF_14 Datasheet
103Kb / 4P
   Low Gate Charge
AP9T16GJ A-POWER-AP9T16GJ_14 Datasheet
268Kb / 6P
   Low Gate Charge
logo
JILIN SINO-MICROELECTRO...
JCS12N65FC JSMC-JCS12N65FC Datasheet
548Kb / 8P
   Low gate charge
logo
Kersemi Electronic Co.,...
KSMD540 KERSEMI-KSMD540 Datasheet
658Kb / 4P
   Low gate charge.
KSMD3303 KERSEMI-KSMD3303 Datasheet
620Kb / 4P
   Low gate charge.
KSMF5N60 KERSEMI-KSMF5N60 Datasheet
670Kb / 4P
   Low gate charge.
KSMF6N65 KERSEMI-KSMF6N65 Datasheet
707Kb / 4P
   Low gate charge.
logo
Advanced Power Electron...
AP4523GD A-POWER-AP4523GD_14 Datasheet
99Kb / 7P
   Low Gate Charge
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com