Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2530GY-HF Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP2530GY-HF
Description  Low Gate Charge, Low On-resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2530GY-HF Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP2530GY-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 5Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 6Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
N-CH Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
30
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.02
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=3A
-
-
72
VGS=4.5V, ID=2A
-
-
125
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=5V, ID=3A
-
4
-
S
IDSS
Drain-Source Leakage Current
VDS=30V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current (Tj=70
oC) V
DS=24V, VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=+20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
2
ID=3A
-
3
5
nC
Qgs
Gate-Source Charge
VDS=25V
-
1
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
2
-
nC
td(on)
Turn-on Delay Time
2
VDS=15V
-
6
-
ns
tr
Rise Time
ID=1A
-
8
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=10V
-
11
-
ns
tf
Fall Time
RD=15Ω
-2
-
ns
Ciss
Input Capacitance
VGS=0V
-
170
270
pF
Coss
Output Capacitance
VDS=25V
-
50
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
35
-
pF
Rg
Gate Resistance
f=1.0MHz
-
0.5
0.8
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=0.9A, VGS=0V
-
-
1.3
V
trr
Reverse Recovery Time
2
IS=3A, VGS=0V
-
14
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
7
-
nC
2
AP2530GY-HF


Similar Part No. - AP2530GY-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2530GY-HF A-POWER-AP2530GY-HF_14 Datasheet
91Kb / 7P
   Surface Mount Package
AP2530GY-HF A-POWER-AP2530GY-HF_16 Datasheet
88Kb / 8P
   Surface Mount Package
More results

Similar Description - AP2530GY-HF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL7NM60N STMICROELECTRONICS-STL7NM60N Datasheet
786Kb / 13P
   Low input capacitance and gate charge, Low gate input resistance
logo
Advanced Power Electron...
AP9T18GH A-POWER-AP9T18GH_14 Datasheet
218Kb / 6P
   Low Gate Charge
AP9T15GHJ-HF A-POWER-AP9T15GHJ-HF_14 Datasheet
103Kb / 4P
   Low Gate Charge
AP9T16GJ A-POWER-AP9T16GJ_14 Datasheet
268Kb / 6P
   Low Gate Charge
logo
JILIN SINO-MICROELECTRO...
JCS12N65FC JSMC-JCS12N65FC Datasheet
548Kb / 8P
   Low gate charge
logo
Kersemi Electronic Co.,...
KSMD540 KERSEMI-KSMD540 Datasheet
658Kb / 4P
   Low gate charge.
KSMD3303 KERSEMI-KSMD3303 Datasheet
620Kb / 4P
   Low gate charge.
KSMF5N60 KERSEMI-KSMF5N60 Datasheet
670Kb / 4P
   Low gate charge.
KSMF6N65 KERSEMI-KSMF6N65 Datasheet
707Kb / 4P
   Low gate charge.
logo
Advanced Power Electron...
AP4523GD A-POWER-AP4523GD_14 Datasheet
99Kb / 7P
   Low Gate Charge
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com