Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2607AGY-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP2607AGY-HF
Description  Simple Drive Requirement, Small Package Outline
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2607AGY-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP2607AGY-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2607AGY-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2607AGY-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2607AGY-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP2607AGY-HF
65mΩ
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4
0
2
4
6
8
0
5
10
15
20
25
Q G , Total Gate Charge (nC)
I D = -5A
V DS = -10V
0
200
400
600
800
1000
1200
1
5
9
13
17
21
25
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
td(on) tr
td(off)tf
VDS
VGS
10%
90%
Q
VG
-4.5V
QGS
QGD
QG
Charge
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 156℃/W
t
T
0.01
0.1
1
10
100
0.01
0.1
1
10
100
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0.02
Operation in this area
limited by RDS(ON)


Similar Part No. - AP2607AGY-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2607AGY-HF A-POWER-AP2607AGY-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP2607AGY-HF A-POWER-AP2607AGY-HF_16 Datasheet
62Kb / 5P
   Halogen Free & RoHS Compliant Product
More results

Similar Description - AP2607AGY-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2317GN-HF A-POWER-AP2317GN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2309AGN-HF A-POWER-AP2309AGN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2309GN-HF A-POWER-AP2309GN-HF Datasheet
113Kb / 5P
   Simple Drive Requirement, Small Package Outline
AP9451GG A-POWER-AP9451GG Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2305GN-HF A-POWER-AP2305GN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2307GN-HF A-POWER-AP2307GN-HF Datasheet
62Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2316GN-HF A-POWER-AP2316GN-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2304GN-HF A-POWER-AP2304GN-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Small package outline
AP9451GG-HF A-POWER-AP9451GG-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2N7002K-HF A-POWER-AP2N7002K-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2326GN-HF A-POWER-AP2326GN-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Small Package Outline
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com