Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4410GM Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP4410GM
Description  Low On-Resistance, Fast Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4410GM Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP4410GM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4410GM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4410GM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4410GM Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4410GM Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Circuit
Fig 12. Gate Charge Circuit
4
AP4410GM
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja=125
oC/W
t
T
0.02
0.01
0.05
0.1
0.2
DUTY=0.5
Single Pulse
0.01
0.1
1
10
100
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0
2
4
6
8
10
12
0
5
10
15
20
25
30
Q G , Total Gate Charge (nC)
I D =10A
V DS =15V
10
100
1000
10000
1
6
11
16
21
26
31
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
td(on) tr
td(off) tf
VDS
VGS
10%
90%
Q
VG
5V
QGS
QGD
QG
Charge


Similar Part No. - AP4410GM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4410GM-HF A-POWER-AP4410GM-HF Datasheet
57Kb / 5P
   Simple Drive Requirement
AP4410GM A-POWER-AP4410GM_14 Datasheet
219Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP4410GM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP60N03GJ A-POWER-AP60N03GJ Datasheet
72Kb / 4P
   Low On-Resistance Fast Switching
AP7811GM A-POWER-AP7811GM Datasheet
83Kb / 6P
   Low On-Resistance, Fast Switching
AP60N03GH A-POWER-AP60N03GH Datasheet
67Kb / 4P
   Low On-Resistance Fast Switching
AP6982GM A-POWER-AP6982GM Datasheet
102Kb / 7P
   Low On-resistance, Fast Switching Characteristic
AP6910GSM-HF A-POWER-AP6910GSM-HF Datasheet
90Kb / 7P
   Low On-resistance, Fast Switching Characteristic
AP0603GH-HF A-POWER-AP0603GH-HF Datasheet
99Kb / 4P
   Low On-resistance, Fast Switching Characteristic
AP6618GM-HF A-POWER-AP6618GM-HF Datasheet
100Kb / 4P
   Low On-resistance, Fast Switching Characteristic
AP0903GM-HF A-POWER-AP0903GM-HF Datasheet
100Kb / 4P
   Low On-resistance, Fast Switching Characteristic
logo
International Rectifier
AUIRFB8405 IRF-AUIRFB8405 Datasheet
228Kb / 12P
   New Ultra Low On-Resistance, Fast Switching
logo
Advanced Power Electron...
AP4407I-HF A-POWER-AP4407I-HF Datasheet
100Kb / 4P
   Lower On-resistance, Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com