Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T3-4120-10P Datasheet(PDF) 4 Page - Amphenol Corporation

Part # T3-4120-10P
Description  environmental connectors for military/aerospace applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T3-4120-10P Datasheet(HTML) 4 Page - Amphenol Corporation

  T3-4120-10P Datasheet HTML 1Page - Amphenol Corporation T3-4120-10P Datasheet HTML 2Page - Amphenol Corporation T3-4120-10P Datasheet HTML 3Page - Amphenol Corporation T3-4120-10P Datasheet HTML 4Page - Amphenol Corporation T3-4120-10P Datasheet HTML 5Page - Amphenol Corporation T3-4120-10P Datasheet HTML 6Page - Amphenol Corporation T3-4120-10P Datasheet HTML 7Page - Amphenol Corporation T3-4120-10P Datasheet HTML 8Page - Amphenol Corporation T3-4120-10P Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
2
MIL-C-26500 Connectors
features
Amphenol®/Pyle® MIL-C-26500 Connectors are qualified to Mil-
itary Specification MIL-C-26500, as well as numerous high per-
formance
customer
specifications.
As
the
chart
below
indicates, these connectors are available with aluminum or
stainless steel shells – bayonet or threaded – and are qualified
to meet the specifications of these MIL-C-26500 classes:
Crimp Contacts
Rear insertable, front releasable, crimp style contacts are
machined from a copper alloy material, plated gold over nickel,
and are qualified to specification MIL-C-39029. Contacts are
crimp terminated outside the connector assembly and inserted
into the appropriate cavity by means of a hand tool.
Socket contacts utilize a multi-tined construction and feature a
“C” spring which grips the tines, and thus insures consistent
and repetitive insertion/withdrawal forces. Contact tines are
protected by a stainless steel shroud.
An optional pencil-clip thermocouple socket design is also
offered. See page 27 for more information on thermocouple
contacts.
Alternate Keying
All MIL-C-26500 Series Connectors with aluminum and stain-
less steel hardware, can be furnished with normal or any of five
alternate key positions. (See page 4).
Each plug shell has a master key and four alternate keys. The
position of the alternate keys in relation to the fixed master key
determines the key identification. Inserts are bonded to the
shell in relation to the master key, thus allowing positive protec-
tion against mismating when differing circuits exist side by side.
MIL-C-26500
Classes
Amphenol/
Pyle Series
Classes
Hardware
Description
Finish
Class R:
(Environmental
Resistant)
A
Aluminum Alloy
Anodize
Class G
M
Aluminum Alloy
Chromium
Class E
R
Stainless Steel
Passivated
Class K Firewall
FPK/FYL
Stainless Steel
Passivated
Class H Hermetic
HC
CRS/Stainless
Steel
Various
Connector Sealing
The insert design utilizes a combination of resilient and rigid
insulators to offer a connector with total sealing capabilities.
Bonded interfaces between the resilient and rigid dielectric
components eliminate air voids and thus protect the connector
from potential degradation due to moisture and altitude condi-
tions.
In Firewall Class K connectors the resilient insert forms the pri-
mary contact seal and is bonded to a molded ceramic rigid
insert. The insert assembly is physically bonded and mechani-
cally retained to the inside surface of the stainless steel shell,
providing a voidless, monoblock configuration impervious to
adverse environments.
A pressure seal at the connector interface is accomplished
through the aid of a coupling device which compresses the front
resilient insulations and thus offers a seal around each contact
which prevents the passage of air or moisture through the con-
tact cavity. Back resilient insulators are designed with a triple
sealing grip at each wire hole to offer positive sealing and pre-
vent wicking of moisture through the connector without the use
of external clamping rings or adapters.
In addition, a dynamic “O” ring seal engages the front of the
plug shell when connectors are mated and offers yet another
barrier to moisture and containments.
Fluid/Temperature Resistance
The fluorosilicone compound elastomer, developed by Pyle-
National, exceeds all specification requirements and provides
excellent resistance to tear, compression set, fluids, and high
temperatures.
Amphenol/Pyle’s fluorosilicone compound offered in Class R,
G, E and K is capable of reliability resisting MIL-H-5606 hydrau-
lic fluid and MIL-L-9236 lubricating oil; as well as MIL-L-7808
and MIL-L-23699 lubricating oils, MIL-J-5624 (JP-5) jet fuel, gly-
col, and alkaline cleaning solutions of pH 10 or higher. Test
methods are as defined in MIL-C-26500 specification. Alternate
compounds have been developed by Pyle-National to solve
unique user requirements not addressed by the specifications.
Connectors have the capability of resisting high ambient tem-
peratures up to 200°C (392°F) for long periods of time, thus
contributing to an extended connector life. Connectors will with-
stand a combined ambient and internal temperature due to
thermal rise of current carrying capacity of 238°C (469°F).
Amphenol®/Pyle® Firewall, Class K, connectors have the inher-
ent ability to resist high temperatures up to 460°F (total temper-
ature) for extended periods of time and can resist short time
exposures (20 minutes) to prevent passage of a direct 2000°F
flame.


Similar Part No. - T3-4120-10P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T3-47T08-LD ETC1-T3-47T08-LD Datasheet
174Kb / 4P
   Twinax Contacts for Subminiature Cylindricals general description, application data - size 10 &12
More results

Similar Description - T3-4120-10P

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T-330SCT PULSE-T-330SCT Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
logo
ITT Industries
D20419-80 ITT-D20419-80 Datasheet
8Mb / 386P
   Military/Aerospace
logo
Littelfuse
M83530 LITTELFUSE-M83530 Datasheet
78Kb / 10P
   Varistor Products - Aerospace and Military
logo
Tyco Electronics
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
   Military/Aerospace High Performance Relays
logo
List of Unclassifed Man...
FCA-210 ETC2-FCA-210 Datasheet
144Kb / 4P
   Mid-Range Military/Aerospace Relays
logo
Tyco Electronics
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
   Military Aerospace High Performance Relays
FCA-325 MACOM-FCA-325 Datasheet
82Kb / 4P
   Mid-Range Military/Aerospace Relays
logo
ITT Industries
M83723 ITT-M83723 Datasheet
69Kb / 1P
   Circular; Aerospace Commercial Industrial Military
logo
List of Unclassifed Man...
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com