Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA2614 Datasheet(PDF) 2 Page - Texas Instruments

Part # VCA2614
Description  High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA2614 Datasheet(HTML) 2 Page - Texas Instruments

  VCA2614 Datasheet HTML 1Page - Texas Instruments VCA2614 Datasheet HTML 2Page - Texas Instruments VCA2614 Datasheet HTML 3Page - Texas Instruments VCA2614 Datasheet HTML 4Page - Texas Instruments VCA2614 Datasheet HTML 5Page - Texas Instruments VCA2614 Datasheet HTML 6Page - Texas Instruments VCA2614 Datasheet HTML 7Page - Texas Instruments VCA2614 Datasheet HTML 8Page - Texas Instruments VCA2614 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Gain
Control,
V
C
-VS
7
+V
S
6
-In
8
A
(1)
V
OUT
5
VCA810
2
GND
3
1
+In
4
NC
(2)
VCA810
SBOS275F – JUNE 2003 – REVISED DECEMBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
VCA810ID
Rails, 75
VCA810ID
SO-8
D
–40°C to +85°C
VCA810
VCA810IDR
Tape and Reel, 2500
VCA810AID
Rails, 75
VCA810AID
SO-8
D
–40°C to +85°C
VCA810A(2)
VCA810AIDR
Tape and Reel, 2500
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the
device product folder at www.ti.com.
(2)
The A indicating high grade appears opposite the pin 1 marking indicator.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VCA810
UNIT
Power supply
±6.5
V
Internal power dissipation
See Thermal Analysis section
Differential input voltage
±VS
V
Input common-mode voltage range
±VS
V
Storage temperature range, D package
–65 to +125
°C
Junction temperature (TJ)
+150
°C
Human body model (HBM)
2000
V
ESD ratings
Charge device model (CDM)
1500
V
Machine model
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
PIN CONFIGURATIONS
D PACKAGE
SO-8
(TOP VIEW)
(1)
High grade version indicator.
(2)
NC = Not connected.
2
Submit Documentation Feedback
Copyright © 2003–2010, Texas Instruments Incorporated
Product Folder Link(s): VCA810


Similar Part No. - VCA2614

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2614 BURR-BROWN-VCA2614 Datasheet
290Kb / 13P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
VCA2614Y/250 BURR-BROWN-VCA2614Y/250 Datasheet
290Kb / 13P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
VCA2614Y/2K BURR-BROWN-VCA2614Y/2K Datasheet
290Kb / 13P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
More results

Similar Description - VCA2614

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA822 TI-VCA822 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
VCA810 BURR-BROWN-VCA810 Datasheet
417Kb / 25P
   High Gain Adjust Range, Wideband, Voltage-Controlled Amplifier
logo
Texas Instruments
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com