Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA2614 Datasheet(PDF) 5 Page - Texas Instruments

Part # VCA2614
Description  High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA2614 Datasheet(HTML) 5 Page - Texas Instruments

  VCA2614 Datasheet HTML 1Page - Texas Instruments VCA2614 Datasheet HTML 2Page - Texas Instruments VCA2614 Datasheet HTML 3Page - Texas Instruments VCA2614 Datasheet HTML 4Page - Texas Instruments VCA2614 Datasheet HTML 5Page - Texas Instruments VCA2614 Datasheet HTML 6Page - Texas Instruments VCA2614 Datasheet HTML 7Page - Texas Instruments VCA2614 Datasheet HTML 8Page - Texas Instruments VCA2614 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
VCA810
www.ti.com
SBOS275F – JUNE 2003 – REVISED DECEMBER 2010
HIGH GRADE DC SPECIFICATIONS: VS = ±5V (VCA810AID)
Boldface limits are tested at +25°C.
At RL = 500Ω, and VIN = single-ended input on V+ with V− at ground,, unless otherwise noted.
VCA810AID
MIN/MAX OVER
TYP
TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C(2)
+70°C(3)
+85°C(3)
UNITS
MAX
LEVEL(1)
DC PERFORMANCE
Single-ended or differential input
Output offset voltage
−2V < VC < 0V
±4
±14
±24
±26
mV
max
A
Input offset voltage
±0.1
±0.2
±0.25
±0.3
mV
max
A
Input offset current
±100
±500
±600
±700
mA
max
A
GAIN CONTROL (VC, Pin 3)
Single-ended or differential input
Gain accuracy
−1.8V ≤ VC ≤ −0.2V
±0.4
±0.9
±1.9
±2.9
dB
max
A
VC < −1.8V, VC > −0.2V
±0.5
±1.5
±3.0
±4.0
dB
max
A
Gain control linearity(4)
−1.8V ≤ VC ≤ 0V
±0.3
±0.6
±0.7
±0.8
dB
max
A
VC < −1.8V
±0.7
±1.1
±1.9
±2.7
dB/V
max
A
POWER SUPPLY
Positive supply quiescent current
Maximum quiescent current
+VS = +5V, G = −40dB
10
11.5
11.6
11.7
mA
min
A
Minimum quiescent current
+VS = +5V, G = −40dB
10
8.5
8.2
8.1
mA
max
A
Maximum quiescent current
+VS = +5V, G = +40dB
18
19.5
21
21.3
mA
min
A
Minimum quiescent current
+VS = +5V, G = +40dB
18
16.5
15.5
14.5
mA
max
A
Negative supply quiescent current(5)
Maximum quiescent current
−VS = −5V, G = −40dB
12
14
14.1
14.2
mA
min
A
Minimum quiescent current
−VS = −5V, G = −40dB
12
10
9.9
9.8
mA
max
A
Maximum quiescent current
−VS = −5V, G = +40dB
20
22
24
24.3
mA
min
A
Minimum quiescent current
−VS = −5V, G = +40dB
20
18
17
16.5
mA
max
A
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value; only for information.
(2)
Junction temperature = ambient for +25°C tested specifications.
(3)
Junction temperature = ambient at low temperature limit; junction temperature = ambient +30°C at high temperature limit for over
temperature specifications.
(4)
Maximum deviation from best line fit.
(5)
Magnitude.
Copyright © 2003–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): VCA810


Similar Part No. - VCA2614

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2614 BURR-BROWN-VCA2614 Datasheet
290Kb / 13P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
VCA2614Y/250 BURR-BROWN-VCA2614Y/250 Datasheet
290Kb / 13P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
VCA2614Y/2K BURR-BROWN-VCA2614Y/2K Datasheet
290Kb / 13P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
More results

Similar Description - VCA2614

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA822 TI-VCA822 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
VCA810 BURR-BROWN-VCA810 Datasheet
417Kb / 25P
   High Gain Adjust Range, Wideband, Voltage-Controlled Amplifier
logo
Texas Instruments
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com