Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA2618 Datasheet(PDF) 11 Page - Texas Instruments

Part # VCA2618
Description  High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA2618 Datasheet(HTML) 11 Page - Texas Instruments

Back Button VCA2618 Datasheet HTML 7Page - Texas Instruments VCA2618 Datasheet HTML 8Page - Texas Instruments VCA2618 Datasheet HTML 9Page - Texas Instruments VCA2618 Datasheet HTML 10Page - Texas Instruments VCA2618 Datasheet HTML 11Page - Texas Instruments VCA2618 Datasheet HTML 12Page - Texas Instruments VCA2618 Datasheet HTML 13Page - Texas Instruments VCA2618 Datasheet HTML 14Page - Texas Instruments VCA2618 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
+5V
-5V
V
OUT
V
C
0
2V
® -
-
®
40dB
+40dB Gain
VCA810
X1
2
3
V+
V-
1
6
7
5
8
Gain
Adjust
+
VCA810
V
C
V
I
V
O
+5V
6
7
+
+
2
R
C
R
T
25W
RL
500W
0.1 F
m
6.8 F
m
3
5
8
1
-5V
0.1 F
m
6.8 F
m
R
S
50W
50W
Source
G
=
(V/V)
10
-2 (V + 1)
C
VCA810
www.ti.com
SBOS275F – JUNE 2003 – REVISED DECEMBER 2010
APPLICATION INFORMATION
Thus, G(dB) varies linearly over the specified −40dB to
CIRCUIT DESCRIPTION
+40dB range as VC varies from 0V to −2V. Optionally,
making VC slightly positive (≥ +0.15V) effectively
The VCA810 is a high gain adjust range, wideband,
disables the amplifier, giving greater than 80dB of
voltage amplifier with a voltage-controlled gain, as
signal path attenuation at low frequencies.
shown in Figure 29. The circuit’s basic voltage
amplifier responds to the control of an internal
Internally, the gain-control circuit varies the amplifier
gain-control
amplifier.
At
its
input,
the
voltage
gain by varying the transconductance, gm, of a bipolar
amplifier presents the high impedance of a differential
transistor using the transistor bias current. Varying
stage, permitting flexible input impedance matching.
the bias currents of differential stages varies gm to
To preserve termination options, no internal circuitry
control the voltage gain of the VCA810. A gm-based
connects to the input bases of this differential stage.
gain adjust normally suffers poor thermal stability.
For this reason, the user must provide dc paths for
The VCA810 includes circuitry to minimize this effect.
the input base currents from a signal source, either
through a grounded termination resistor or by a direct
VCA810 OPERATION
connection to ground. The differential input stage also
permits rejection of common-mode signals. At its
Figure 30 shows the circuit configuration used as the
output,
the
voltage
amplifier
presents
a
low
basis of the Electrical Characteristics and Typical
impedance, simplifying impedance matching. An
Characteristics.
Voltage
swings
reported
in
the
open-loop design produces wide bandwidth at all gain
specifications are taken directly at the input and
settings.
A
ground-referenced
differential
to
output pins. For test purposes, the input impedance is
single-ended conversion at the output retains the low
set to 50
Ω with a resistance to ground. A 25Ω
output offset voltage.
resistance (RT) is included on the V− input to get bias
current cancellation. Proper supply bypassing is
shown in Figure 30, and consists of two capacitors on
each supply pin: one large electrolytic capacitor
(2.2mF to 6.8mF), effective at lower frequencies, and
one
small
ceramic
capacitor
(0.1mF)
for
high-frequency decoupling. For more information on
decoupling, refer to the Board Layout section.
Figure 29. Block Diagram of the VCA810
A gain control voltage, VC, controls the amplifier gain
magnitude through a high-speed control circuit. Gain
polarity can be either inverting or noninverting,
depending upon the amplifier input driven by the input
signal. The gain control circuit presents the high-input
impedance of a noninverting op amp connection. The
control voltage pin is referred to ground as shown in
Figure 30. Variable Gain, Specification and Test
Figure 29. The control voltage VC varies the amplifier
Circuit
gain according to the exponential relationship:
Notice that both inverting and noninverting inputs are
connected to ground with a resistor (RS and RT).
This translates to the log gain relationship:
Matching the dc source impedance looking out of
G(dB) = –40 ● (VC + 1)dB.
each input will minimize input offset voltage error.
Copyright © 2003–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): VCA810


Similar Part No. - VCA2618

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2618 BURR-BROWN-VCA2618 Datasheet
326Kb / 14P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
VCA2618YR BURR-BROWN-VCA2618YR Datasheet
326Kb / 14P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
VCA2618YT BURR-BROWN-VCA2618YT Datasheet
326Kb / 14P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
More results

Similar Description - VCA2618

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA822 TI-VCA822 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
VCA810 BURR-BROWN-VCA810 Datasheet
417Kb / 25P
   High Gain Adjust Range, Wideband, Voltage-Controlled Amplifier
logo
Texas Instruments
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com