Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFC110APG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # VFC110APG4
Description  High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VFC110APG4 Datasheet(HTML) 5 Page - Texas Instruments

  VFC110APG4 Datasheet HTML 1Page - Texas Instruments VFC110APG4 Datasheet HTML 2Page - Texas Instruments VFC110APG4 Datasheet HTML 3Page - Texas Instruments VFC110APG4 Datasheet HTML 4Page - Texas Instruments VFC110APG4 Datasheet HTML 5Page - Texas Instruments VFC110APG4 Datasheet HTML 6Page - Texas Instruments VFC110APG4 Datasheet HTML 7Page - Texas Instruments VFC110APG4 Datasheet HTML 8Page - Texas Instruments VFC110APG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
VFC110
SBVS021A − OCTOBER 1988 − REVISED APRIL 2007
www.ti.com
5
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VS = ±15V, unless otherwise noted.
NONLINEARITY vs INPUT VOLTAGE
0
Input Voltage (V)
0.02
0.01
0
−0.01
−0.02
123456
78
9
10
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
f
FS =4MHz
f
FS =1MHz
NONLINEARITY vs FULL−SCALE FREQUENCY
104
Full−Scale Frequency (Hz)
1
0.1
0.01
0.001
105
106
107


Similar Part No. - VFC110APG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC110AP BURR-BROWN-VFC110AP Datasheet
98Kb / 8P
   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
More results

Similar Description - VFC110APG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC110 BURR-BROWN-VFC110 Datasheet
98Kb / 8P
   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
List of Unclassifed Man...
SSM2031 ETC-SSM2031 Datasheet
56Kb / 1P
   HIGH FREQUENCY OSCILLATER/VOLTAGE TO FREQUENCY CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com