Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6298 Datasheet(PDF) 4 Page - 3M Electronics

Part # 6298
Description  3M??Cable Ties are molded from 6/6 nylon and are available in a variety of sizes and styles, including weather resistant black for outdoor use.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6298 Datasheet(HTML) 4 Page - 3M Electronics

  6298 Datasheet HTML 1Page - 3M Electronics 6298 Datasheet HTML 2Page - 3M Electronics 6298 Datasheet HTML 3Page - 3M Electronics 6298 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3M™ Cable Ties
4 of 4
3M is a trademark of 3M Company.
3
Electrical Markets Division
6801 River Place Blvd.
Austin, TX 78726-9000
800.245.3573
FAX: 800.245.0329
www.3M.com/electrical
Please recycle
© 3M 2011 All rights reserved
78-8125-9860-1 E
Typical Properties, continued
Mounting Bases:
Part
Number
Dimensions
LxWxH
in ( mm)
Slot
Width
in (mm)
Slot
Height
in (mm)
Color
Mount Type
Bag
Quantity
Material
06294
.74x.74x.22 (19x19x5,6)
.21 (5,1)
.06 (1.5)
Natural
Foam Backed
Adhesive
100
Nylon
06295
.74x.74x.22 (19x19x5,6)
.21 (5,1)
.06 (1.5)
UV Resistant black
Foam Backed
Adhesive
100
Nylon
06296
.99x.99x.22 (25x25x5,6)
.21 (5,1)
.06 (1.5)
Natural
Foam Backed
Adhesive
100
Nylon
06297
.99x.99x.22 (25x25x5,6)
.21 (5,1)
.06 (1.5)
UV Resistant black
Foam Backed
Adhesive
100
Nylon
06290
2.0x1.0x.35 (51x25x8,9)
.21 (5,1)
.18 (4,5)
Ivory
Foam Backed
Adhesive
100
ABS
06291
2.0x1.0x.35 (51x25x8,9)
.21 (5,1)
.18 (4,5)
Ivory
Foam Backed
Adhesive
250
ABS
06292
1.0x1.2x.15 (25x25x3,8)
.21 (5,1)
.06 (1,5)
Ivory
Foam Backed
Adhesive /
Screw Mount
100
ABS
06293
1.0x1.0x.15 (25x25x3,8)
.21 (5,1)
.06 (1,5)
Ivory
Foam Backed
Adhesive /
Screw Mount
250
ABS
06298
.60x.41x.28 (15x10x7,0)
.27 (7)
.08 (2,0)
Natural
Screw Mount
100
Nylon
06299
.87x.62x.38 (22x16x10)
.51 (13)
.08 (2,0)
Natural
Screw Mount
100
Nylon
Shelf Life & Storage
3M™ Cable Ties have a 5-year shelf life from date of manufacture when stored in a
humidity controlled storage (10°C/50°F to 27°C/80°F and <75% relative humidity).
Availability
Please contact your local distributor; available from 3M.com/electrical [Where to Buy]
or call 1.800.245.3573.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information
believed to be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must
evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated
with such use. Any statements related to the product, which are not contained in 3M’s current publications, or any
contrary statements contained on your purchase order, shall have no force or effect unless expressly agreed upon,
in writing, by an authorized officer of 3M.
Warranty; Limited
Remedy; Limited
Liability
This product will be free from defects in material and manufacture at the time of purchase. 3M MAKES NO OTHER
WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR
FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your
exclusive remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M
product. Except where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential
loss or damage arising from this 3M product, regardless of the legal theory asserted.


Similar Part No. - 6298

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
629-009-240-011 EDAC-629-009-240-011 Datasheet
353Kb / 2P
   629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
629-009-240-012 EDAC-629-009-240-012 Datasheet
353Kb / 2P
   629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
629-009-240-013 EDAC-629-009-240-013 Datasheet
353Kb / 2P
   629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
629-009-240-015 EDAC-629-009-240-015 Datasheet
353Kb / 2P
   629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
629-009-240-031 EDAC-629-009-240-031 Datasheet
353Kb / 2P
   629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
More results

Similar Description - 6298

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
   A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
   A wide range of marker sizes and colors are available for custom designs
logo
Amphenol Corporation
RT360 AMPHENOL-RT360 Datasheet
4Mb / 18P
   industrial circular connectors are multiway connector available in 6 shell sizes
RT0610-2SNH AMPHENOL-RT0610-2SNH Datasheet
1Mb / 2P
   RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
logo
Aries Electronics, Inc.
625 ARIES-625 Datasheet
937Kb / 1P
   Available in either Screw Machine or Coined Contacts in a Variety of Styles
logo
Laird Tech Smart Techno...
S24493D LSTD-S24493D Datasheet
681Kb / 1P
   Variety of cable lengths and connectors available
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
Pulse A Technitrol Comp...
P0354 PULSE-P0354 Datasheet
782Kb / 2P
   Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available
logo
PHOENIX CONTACT
SF-TXH-SET PHOENIX-SF-TXH-SET Datasheet
47Kb / 2P
   The SF-SL screwdriver sets are available with a variety of contents
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com