Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC1 Datasheet(PDF) 11 Page - Altera Corporation

Part # EPC1
Description  Configuration Devices for SRAM-Based LUT Devices
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC1 Datasheet(HTML) 11 Page - Altera Corporation

Back Button EPC1 Datasheet HTML 7Page - Altera Corporation EPC1 Datasheet HTML 8Page - Altera Corporation EPC1 Datasheet HTML 9Page - Altera Corporation EPC1 Datasheet HTML 10Page - Altera Corporation EPC1 Datasheet HTML 11Page - Altera Corporation EPC1 Datasheet HTML 12Page - Altera Corporation EPC1 Datasheet HTML 13Page - Altera Corporation EPC1 Datasheet HTML 14Page - Altera Corporation EPC1 Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Power and Operation
Page 11
Configuration Devices for SRAM-Based LUT Devices
January 2012
Altera Corporation
Table 3 lists the relationship between the VCC and VPP voltage levels and the required
logic level for VCCSEL and VPPSEL pins. A high logic level means the pin should be
connected to VCC, while a low logic level means the pin should be connected to GND.
At a 3.3-V operation, all EPC2 inputs are 5.0-V tolerant, except for DATA, DCLK, and
nCASC
pins. The DATA and DCLK pins are used only to interface between the EPC2
device and the FPGA it is configuring. Table 4 lists the voltage tolerences of all EPC2
device pins.
If one EPC1, EPC2, or EPC1441 configuration device is powered at 3.3 V, the nSTATUS
and CONF_DONE pull-up resistors must be connected to 3.3 V. If these configuration
devices are powered at 5.0 V, the nSTATUS and CONF_DONE pull-up resistors can be
connected to either 3.3 V or 5.0 V.
Table 3. VCCSEL and VPPSEL Pin Functions on the EPC2 Device
VCC Voltage Level
(V)
VPP Voltage Level
(V)
VCCSEL Pin Logic
Level
VPPSEL Pin Logic
Level
3.3
3.3
High
High
3.3
5.0
High
Low
5.0
5.0
Low
Low
Table 4. EPC2 Device Input and Bidirectional Pin Voltage Tolerance
Pin
5.0-V Operation
3.3-V Operation
5.0-V Tolerant
3.3-V Tolerant
5.0-V Tolerant
3.3-V Tolerant
DATA
vv
v
DCLK
vv
v
nCASC
vv
v
OE
vvvv
nCS
vvvv
VCCSEL
vvvv
VPPSEL
vvvv
nINIT_CONF
vvvv
TDI
vvvv
TMS
vvvv
TCK
vvvv


Similar Part No. - EPC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC1 ETC1-EPC1 Datasheet
539Kb / 36P
   Configuration Devices for SRAM-Based LUT Devices
logo
Altera Corporation
EPC1 ALTERA-EPC1 Datasheet
467Kb / 36P
   SRAM-Based LUT Devices
EPC1 ALTERA-EPC1 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1 ALTERA-EPC1 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1 ALTERA-EPC1 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based
More results

Similar Description - EPC1

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC1PI8N ALTERA-EPC1PI8N Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1PC8 ALTERA-EPC1PC8 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1PI8 ALTERA-EPC1PI8 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC2LC20N ALTERA-EPC2LC20N Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC2LI20 ALTERA-EPC2LI20 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
logo
List of Unclassifed Man...
EPC1064V ETC1-EPC1064V Datasheet
539Kb / 36P
   Configuration Devices for SRAM-Based LUT Devices
logo
Altera Corporation
EPC1441PC8 ALTERA-EPC1441PC8 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC2LI20N ALTERA-EPC2LI20N Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1LC20 ALTERA-EPC1LC20 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC2TC32N ALTERA-EPC2TC32N Datasheet
397Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com