Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRR1210-560M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRR1210-560M
Description  Available in E12 series, Height of 10 mm, Current rating up to 11 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR1210-560M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRR1210-560M Datasheet HTML 1Page - Bourns Electronic Solutions SRR1210-560M Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
SRR1210 Series - Shielded SMD Power Inductors
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
26 +0
(1.024 +0)
30.4
(1.197)
2.0
± 0.5
(.079
± .020)
50.0 -0
(1.969 -0)
330
(12.99)
DIA.
13.0
(.512)
DIA.
13.0
(.512)
DIA.
21.0
± 0.8
(.827
± .031)
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
1R0
1R0
1R0
1R0
USER DIRECTION OF FEED
200
(7.87)
NO COMPONENT
NO COMPONENT
COMPONENTS
400
(15.75)
START
4.0
(.157)
20.0
(.787)
24.0
(.945)
END
QTY: 250 PCS. PER REEL
06/08


Similar Part No. - SRR1210-560M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1210-560M BOURNS-SRR1210-560M Datasheet
430Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRR1210-560M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL10E-05W3V3 EMERSON-NETWORKPOWER-SIL10E-05W3V3 Datasheet
622Kb / 4P
   10 A Current rating
LDO10C EMERSON-NETWORKPOWER-LDO10C Datasheet
160Kb / 4P
   10 A output current rating
logo
Ohmite Mfg. Co.
AW56GKE OHMITE-AW56GKE Datasheet
100Kb / 1P
   PulsEater Ceramic Composition Available in E12 Ohmic values
AZ101KE OHMITE-AZ101KE Datasheet
152Kb / 1P
   PulsEater Ceramic Composition Available in E12 Ohmic values
logo
PHOENIX CONTACT
REL-MR-110DC PHOENIX-REL-MR-110DC Datasheet
111Kb / 5P
   Switching current of up to 16 A
logo
Amphenol Corporation
C-L17DM53744207 AMPHENOL-C-L17DM53744207 Datasheet
138Kb / 1P
   current rating-10 to 20a
C-L17DM53744207C309 AMPHENOL-C-L17DM53744207C309 Datasheet
106Kb / 1P
   current rating-10 to 20a
logo
Accetek Electronics (Sh...
1MC ACCETEK-1MC Datasheet
285Kb / 5P
   Saturation current rating up to 15.3 Amps
logo
Pulse A Technitrol Comp...
PE-53653NLT PULSE-PE-53653NLT Datasheet
181Kb / 2P
   Fifteen package sizes, Current Rating: up to 23.8ADC, Frequency Range: up to 1MHz
logo
AVX Corporation
008290010000011 AVX-008290010000011 Datasheet
48Kb / 2P
   Available in industry standard sizes of 10-64 positions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com