Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F022-008-420 Datasheet(PDF) 5 Page - Eichhoff Electronics,Inc.

Part # F022-008-420
Description  Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EICHHOFF [Eichhoff Electronics,Inc.]
Direct Link  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

F022-008-420 Datasheet(HTML) 5 Page - Eichhoff Electronics,Inc.

  F022-008-420 Datasheet HTML 1Page - Eichhoff Electronics,Inc. F022-008-420 Datasheet HTML 2Page - Eichhoff Electronics,Inc. F022-008-420 Datasheet HTML 3Page - Eichhoff Electronics,Inc. F022-008-420 Datasheet HTML 4Page - Eichhoff Electronics,Inc. F022-008-420 Datasheet HTML 5Page - Eichhoff Electronics,Inc. F022-008-420 Datasheet HTML 6Page - Eichhoff Electronics,Inc. F022-008-420 Datasheet HTML 7Page - Eichhoff Electronics,Inc. F022-008-420 Datasheet HTML 8Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Funk-Entstörfilter für Frequenzumrichter
Radio-Interference Suppression Filters for Frequency Inverters
Filtres d’antiparasitage pour convertisseurs de fréquence
Die Funk-Entstörfilter entsprechen den Bestimmungen DIN EN 60939-2 (VDE 0565-3-1)
Filters meet the requirements of DIN EN 60939-2 (VDE 0565-3-1)
Les filtres répondent aux normes DIN EN 60939-2 (VDE 0565-3-1)
Teile-Nr.
Part number
Référence
Abmessungen/Dimensions
A
B
C
D
E
H
Bild
Fig.
ill.
5 A
10 A
16 A
30 A
50 A
80 A
100 A
150 A
F022-748/005-420
F022-748/010-420
F022-748/016-420
F022-748/030-420
F022-748/050-420
F022-748/080-420
F022-748/100-420
F022-748/150-420
I
II
3 x 2,2 µFX2 +3 x 2,2 µFX2
+ 3 x 0,047 µFY2
3 x 10 µFX2 +3 x 10 µFX2
+ 3 x 0,047 µFY2
Nennstrom
Rated current
Courant nominal
Nennkapazität
Rated capacitance
Capacité nominale
3 x 7 mH + 3 x 5 µH
3 x 5 mH + 3 x 5 µH
3 x 2 mH + 3 x 5 µH
3 x 1,6 mH + 3 x 4 µH
3 x 1,4 mH + 3 x 5 µH
3 x 1,2 mH + 3 x 2 µH
3 x 1,8 mH + 3 x 2 µH
86
176
186
60
58
160
320
320
220
340
356
190
90
185
340
356
155
90
220
100
235
245
70
90
Nenninduktivität
Rated inductance
Inductance nominale
Bild / Fig. / ill. I
Bild / Fig. / ill. II


Similar Part No. - F022-008-420

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
F022-008-420 EICHHOFF-F022-008-420 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
More results

Similar Description - F022-008-420

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
F022-730 EICHHOFF-F022-730 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
F022-760 EICHHOFF-F022-760 Datasheet
75Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Funk-Entst철rfilter f체r Frequenzumrichter
F011-227 EICHHOFF-F011-227 Datasheet
165Kb / 4P
   Funk-Entst철rfilter f체r 3 Phasen Radio-Interference Suppression Filters
F022-755 EICHHOFF-F022-755 Datasheet
150Kb / 4P
   Funk-Entst철rfilter f체r Frequenzumrichter in Footprint-Ausf체hrung
F022-381 EICHHOFF-F022-381 Datasheet
221Kb / 4P
   Funk-Entst철rfilter mit Kaltger채testecker nach IEC Radio-Interference
F011-171 EICHHOFF-F011-171 Datasheet
89Kb / 2P
   Funk-Entst철rfilter im runden Metallgeh채use Radio-Interference Suppression Filters
F012-000 EICHHOFF-F012-000 Datasheet
258Kb / 4P
   Funk-Entst철rfilter im ovalen Metallgeh채use Radio-Interference Suppression Filters
F033-001 EICHHOFF-F033-001 Datasheet
231Kb / 4P
   Funk-Entst철rfilter im rechteckigen Metallgehause Radio-Interference Suppression Filter
F033-353 EICHHOFF-F033-353 Datasheet
110Kb / 2P
   Funk-Entst철rfilter fur 3 Phasen Radio-Interference Suppression Filters
F012-013 EICHHOFF-F012-013 Datasheet
97Kb / 2P
   Funk-Entst철rfilter f체r Printmontage im Kunststoffgeh채use und Metallgeh채use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com