Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F022-010-420 Datasheet(PDF) 3 Page - Eichhoff Electronics,Inc.

Part # F022-010-420
Description  Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EICHHOFF [Eichhoff Electronics,Inc.]
Direct Link  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

F022-010-420 Datasheet(HTML) 3 Page - Eichhoff Electronics,Inc.

  F022-010-420 Datasheet HTML 1Page - Eichhoff Electronics,Inc. F022-010-420 Datasheet HTML 2Page - Eichhoff Electronics,Inc. F022-010-420 Datasheet HTML 3Page - Eichhoff Electronics,Inc. F022-010-420 Datasheet HTML 4Page - Eichhoff Electronics,Inc. F022-010-420 Datasheet HTML 5Page - Eichhoff Electronics,Inc. F022-010-420 Datasheet HTML 6Page - Eichhoff Electronics,Inc. F022-010-420 Datasheet HTML 7Page - Eichhoff Electronics,Inc. F022-010-420 Datasheet HTML 8Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Funk-Entstörfilter für Frequenzumrichter
Radio-Interference Suppression Filters for Frequency Inverters
Filtres d’antiparasitage pour convertisseurs de fréquence
Die Funk-Entstörfilter entsprechen den Bestimmungen DIN EN 60939-2 (VDE 0565-3-1)
Filters meet the requirements of DIN EN 60939-2 (VDE 0565-3-1)
Les filtres répondent aux normes DIN EN 60939-2 (VDE 0565-3-1)
Teile-Nr.
Part number
Référence
Nenninduktivität
Rated inductance
Inductance nominale
Abmessungen/Dimensions
A
B
C
D
E
H
Bild
Fig.
ill.
8 A
15 A
25 A
36 A
50 A
F022-740/008-420
F022-740/016-420
F022-740/025-420
F022-740/036-420
F022-740/050-420
180
200
200
200
200
85
120
120
120
120
115
115
115
115
115
115
150
150
150
150
100
135
135
135
135
60
65
65
65
65
I
I
II
II
II
3 x 0,01µFY2 +3 x 2,2 µFX2
+ 3 x 1 µF Y2 + 3 x 0,047 µFX2
3 x 0,01µFY2 +3 x 4,4 µFX2
+ 3 x 2,2 µF + 3 x 0,047 µFX2
3 x 0,01µFY2 +3 x 4,4 µFX2
+1µ FX2 + 3 x 4,4 µFX2
+ 1 µFX2 + 3 x 0,047 µFY2
Nennstrom
Rated current
Courant nominal
Nennkapazität
Rated capacitance
Capacité nominale
3 x 0,01µFY2 +3 x 4,4 µFX2
+1µ FX2 + 3 x 4,4 µFX2
+ 1 µFX2 + 3 x 0,047 µFY2
3 x 8,2 mH
3 x 5,6 mh
3 x 2,2 mH
3 x 1,3 mH
3 x 820 µH
Bild / Fig. / ill. I
Bild / Fig. / ill. II


Similar Part No. - F022-010-420

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
F022-010-420 EICHHOFF-F022-010-420 Datasheet
75Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Funk-Entst철rfilter f체r Frequenzumrichter
More results

Similar Description - F022-010-420

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
F022-730 EICHHOFF-F022-730 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
F022-760 EICHHOFF-F022-760 Datasheet
75Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Funk-Entst철rfilter f체r Frequenzumrichter
F011-227 EICHHOFF-F011-227 Datasheet
165Kb / 4P
   Funk-Entst철rfilter f체r 3 Phasen Radio-Interference Suppression Filters
F022-755 EICHHOFF-F022-755 Datasheet
150Kb / 4P
   Funk-Entst철rfilter f체r Frequenzumrichter in Footprint-Ausf체hrung
F022-381 EICHHOFF-F022-381 Datasheet
221Kb / 4P
   Funk-Entst철rfilter mit Kaltger채testecker nach IEC Radio-Interference
F011-171 EICHHOFF-F011-171 Datasheet
89Kb / 2P
   Funk-Entst철rfilter im runden Metallgeh채use Radio-Interference Suppression Filters
F012-000 EICHHOFF-F012-000 Datasheet
258Kb / 4P
   Funk-Entst철rfilter im ovalen Metallgeh채use Radio-Interference Suppression Filters
F033-001 EICHHOFF-F033-001 Datasheet
231Kb / 4P
   Funk-Entst철rfilter im rechteckigen Metallgehause Radio-Interference Suppression Filter
F033-353 EICHHOFF-F033-353 Datasheet
110Kb / 2P
   Funk-Entst철rfilter fur 3 Phasen Radio-Interference Suppression Filters
F012-013 EICHHOFF-F012-013 Datasheet
97Kb / 2P
   Funk-Entst철rfilter f체r Printmontage im Kunststoffgeh채use und Metallgeh채use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com