Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC32725 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BC32725
Description  PNP EPITAXIAL SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC32725 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BC32725 Datasheet HTML 1Page - Fairchild Semiconductor BC32725 Datasheet HTML 2Page - Fairchild Semiconductor BC32725 Datasheet HTML 3Page - Fairchild Semiconductor BC32725 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, August 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. Static Characteristic
Figure 3. DC current Gain
Figure 4. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 5. Base-Emitter On Voltage
Figure 6. Gain Bandwidth Product
-1
-2
-3
-4
-5
-0
-100
-200
-300
-400
-500
P
T
= 600m
W
IB =
- 3.
0m
A
IB =
- 2.
0m
A
IB =
- 3.
5m
A
IB = - 1.0mA
IB =
- 1.5m
A
IB = - 0.5mA
IB =
- 4.
0m
A
IB =
- 2.
5m
A
IB =
- 4.
5m
A
IB =
- 5.
0m
A
IB = 0
VCE[V], COLLECTOR-EMITTER VOLTAGE
-10
-20
-30
-40
-50
-4
-8
-12
-16
-20
P
T = 60
0m
W
I
B
= -
80µ
A
I
B
= -
70µ
A
I
B
= -
60µ
A
I
B
= -
50µ
A
I
B
= -
40µ
A
I
B
= - 3
0µA
I
B
= - 20µ
A
I
B =
- 10µA
I
B = 0
V
CE[V], COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
-100
-1000
1
10
100
1000
PULSE
- 1.0V
VCE = - 2.0V
IC[mA], COLLECTOR CURRENT
-0.1
-1
-10
-100
-1000
-0.01
-0.1
-1
-10
IC = 10 IB
PULSE
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-0.1
-1
-10
-100
-1000
VCE = -1V
PULSE
VBE[V], BASE-EMITTER VOLTAGE
-1
-10
-100
10
100
1000
VCE = -5.0V
IC[mA], COLLECTOR CURRENT


Similar Part No. - BC32725

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC32725BU FAIRCHILD-BC32725BU Datasheet
54Kb / 4P
   Switching and Amplifier Applications
BC32725TA FAIRCHILD-BC32725TA Datasheet
54Kb / 4P
   Switching and Amplifier Applications
More results

Similar Description - BC32725

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com