Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F022-030-420 Datasheet(PDF) 1 Page - Eichhoff Electronics,Inc.

Part # F022-030-420
Description  Funk-Entst철rfilter f체r Frequenzumrichter Funk-Entst철rfilter f체r Frequenzumrichter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EICHHOFF [Eichhoff Electronics,Inc.]
Direct Link  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

F022-030-420 Datasheet(HTML) 1 Page - Eichhoff Electronics,Inc.

  F022-030-420 Datasheet HTML 1Page - Eichhoff Electronics,Inc. F022-030-420 Datasheet HTML 2Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
10 A
Funk-Entstörfilter für Frequenzumrichter
Radio-Interference Suppression Filters for Frequency Inverters
Filtres d’antiparasitage pour convertisseurs de fréquence
Die Funk-Entstörfilter entsprechen den Bestimmungen DIN EN 60939-2 (VDE 0565-3-1)
Filters meet the requirements of DIN EN 60939-2 (VDE 0565-3-1)
Les filtres répondent aux normes DIN EN 60939-2 (VDE 0565-3-1)
Teile-Nr.
Part number
Référence
Nenninduktivität
Rated inductance
Inductance nominale
Abmessungen/Dimensions
A
B
C
D
E
H
Bild
Fig.
ill.
16 A
30 A
50 A
80 A
100 A
150 A
F022-760/016-420
F022-760/030-420
F022-760/050-420
F022-760/080-420
F022-760/100-420
F022-760/150-420
I
II
3 x 2,2 µFX2 +3 x 2,2 µFX2
+ 4 x 0,047 µFY2
3 x 10 µFX2 +3 x 10 µFX2
+ 4 x 0,047 µFY2
Nennstrom
Rated current
Courant nominal
4 x 2 mH + 4 x 5 µH
4 x 1,6 mH + 4 x 2 µH
4 x 1,5 mH + 4 x 2 µH
4 x 1,4 mH + 4 x 4 µH
4 x 1,4 mH + 4 x 5 µH
4 x 600 µH + 4 x 2 µH
86
176
186
60
58
160
320
320
220
340
356
190
90
185
340
356
155
90
220
100
235
245
70
90
F022-760/010-420
4 x 5 mH + 4 x 5 µH
Nennkapazität
Rated capacitance
Capacité nominale
Bild / Fig. / ill. II
Bild / Fig. / ill. I


Similar Part No. - F022-030-420

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
F022-030-420 EICHHOFF-F022-030-420 Datasheet
199Kb / 8P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference
F022-030-420 EICHHOFF-F022-030-420 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
More results

Similar Description - F022-030-420

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
F022-299 EICHHOFF-F022-299 Datasheet
199Kb / 8P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference
F022-730 EICHHOFF-F022-730 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
F022-755 EICHHOFF-F022-755 Datasheet
150Kb / 4P
   Funk-Entst철rfilter f체r Frequenzumrichter in Footprint-Ausf체hrung
F012-013 EICHHOFF-F012-013 Datasheet
97Kb / 2P
   Funk-Entst철rfilter f체r Printmontage im Kunststoffgeh채use und Metallgeh채use
F033-056 EICHHOFF-F033-056 Datasheet
67Kb / 2P
   Funk-Entst철rfilter f체r Frequenz-Umrichter in Footprint-Ausf체hrung
F011-227 EICHHOFF-F011-227 Datasheet
165Kb / 4P
   Funk-Entst철rfilter f체r 3 Phasen Radio-Interference Suppression Filters
F012-401 EICHHOFF-F012-401 Datasheet
107Kb / 2P
   Funk-Entst철rfilter im rechteckigen Kunststoffgeh채use
F023-041 EICHHOFF-F023-041 Datasheet
127Kb / 2P
   Funk-Entst철rfilter mit Kaltger채testecker nach IEC
F011-126 EICHHOFF-F011-126 Datasheet
250Kb / 6P
   Funk-Entst철rfilter im runden Metallgeh채use mit Gewindezapfen
F011-180 EICHHOFF-F011-180 Datasheet
96Kb / 2P
   Funk-Entst철rfilter im ovalen oder rechteckigen Metallgeh채use
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com