Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BC846A
Description  NPN General Purpose Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC846A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BC846A Datasheet HTML 1Page - Fairchild Semiconductor BC846A Datasheet HTML 2Page - Fairchild Semiconductor BC846A Datasheet HTML 3Page - Fairchild Semiconductor BC846A Datasheet HTML 4Page - Fairchild Semiconductor BC846A Datasheet HTML 5Page - Fairchild Semiconductor BC846A Datasheet HTML 6Page - Fairchild Semiconductor BC846A Datasheet HTML 7Page - Fairchild Semiconductor BC846A Datasheet HTML 8Page - Fairchild Semiconductor BC846A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Typical Characteristics
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown
Voltage
IC = 10 mA, IB = 0
846A / B
847A / B
65
45
V
V(BR)CES
Collector-Base Breakdown Voltage
IC = 10
µA, IE = 0
846A / B
847A / B
80
50
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
6.0
V
ICBO
Collector-Cutoff Current
VCB = 30 V
VCB = 30 V, TA = 150
°C
15
5.0
nA
µA
ON CHARACTERISTICS
hFE
DC Current Gain
IC = 2.0 mA, VCE = 5.0 V
846A / 847A
846B / 847B
847C
110
200
420
220
450
800
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5.0 mA
0.25
0.6
V
V
VBE(on)
Base-Emitter On Voltage
IC = 2.0 mA, VCE = 5.0 V
IC = 10 mA, VCE = 5.0 V
0.58
0.70
0.77
V
V
SMALL SIGNAL CHARACTERISTICS
fT
Current Gain - Bandwidth Product
IC = 10 mA, VCE = 5.0,
f = 100 MHz
100
MHz
Cobo
Output Capacitance
VCB = 10 V, f = 1.0 MHz
4.5
pF
NF
Noise Figure
IC = 0.2 mA, VCE = 5.0,
RS = 2.0 k
Ω, f = 1.0 kHz,
BW = 200 Hz
10
dB
Collector-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
100
0.05
0.1
0.15
0.2
0.25
0.3
I - COLLECTOR CURRENT (mA)
C
25 °C
- 40 °C
125 °C
β = 10
Typical Pulsed Current Gain
vs Collector Current
0.01
0.03
0.1
0.3
1
3
10
30
100
0
200
400
600
800
1000
1200
I - COLLECTOR CURRENT (mA)
C
125 °C
25 °C
- 40 °C
V
= 5.0 V
CE
NPN General Purpose Amplifier
(continued)


Similar Part No. - BC846A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846A PHILIPS-BC846A Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Galaxy Semi-Conductor H...
BC846A BILIN-BC846A Datasheet
220Kb / 6P
   NPN general purpose Transistor
logo
Taiwan Semiconductor Co...
BC846A TSC-BC846A Datasheet
126Kb / 3P
   0.2 Watts NPN Plastic-Encapsulate Transistors
logo
Nexperia B.V. All right...
BC846A NEXPERIA-BC846A Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
logo
Shenzhen Jin Yu Semicon...
BC846A HTSEMI-BC846A Datasheet
1Mb / 4P
   TRANSISTOR (NPN)
More results

Similar Description - BC846A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com