Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC80825 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BC80825
Description  Switching and Amplifier Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC80825 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BC80825 Datasheet HTML 1Page - Fairchild Semiconductor BC80825 Datasheet HTML 2Page - Fairchild Semiconductor BC80825 Datasheet HTML 3Page - Fairchild Semiconductor BC80825 Datasheet HTML 4Page - Fairchild Semiconductor BC80825 Datasheet HTML 5Page - Fairchild Semiconductor BC80825 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage
: BC807
: BC808
-50
-30
V
V
VCEO
Collector-Emitter Voltage
: BC807
: BC808
-45
-25
V
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current (DC)
-800
mA
PC
Collector Power Dissipation
-310
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
: BC807
: BC808
IC= -10mA, IB=0
-45
-25
V
V
BVCES
Collector-Emitter Breakdown Voltage
: BC807
: BC808
IC= -0.1mA, VBE=0
-50
-30
V
V
BVEBO
Emitter-Base Breakdown Voltage
IE= -0.1mA, IC=0
-5
V
ICES
Collector Cut-off Current
VCE= -25V, VBE=0
-100
nA
IEBO
Emitter Cut-off Current
VEB= -4V, IC=0
-100
nA
hFE1
hFE2
DC Current Gain
VCE= -1V, IC= -100mA
VCE= -1V, IC= -300mA
100
60
630
VCE (sat)
Collector-Emitter Saturation Voltage
IC= -500mA, IB= -50mA
-0.7
V
VBE (on)
Base-Emitter On Voltage
VCE= -1V, IC= -300mA
-1.2
V
fT
Current Gain Bandwidth Product
VCE= -5V, IC= -10mA
f=50MHz
100
MHz
Cob
Output Capacitance
VCB= -10V, f=1MHz
12
pF
BC807/BC808
Switching and Amplifier Applications
• Suitable for AF-Driver stages and low power output stages
• Complement to BC817/BC818
SOT-23
1. Base 2. Emitter 3. Collector
1
2
3


Similar Part No. - BC80825

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BC808 GE-BC808 Datasheet
228Kb / 5P
   Small Signal Transistors (PNP)
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
   PNP Transistor Surface Mount
logo
Jiangsu Changjiang Elec...
BC808 JIANGSU-BC808 Datasheet
588Kb / 3P
   SOT-23 Plastic-Encapsulate Transistors
logo
AUK corp
BC808 AUK-BC808 Datasheet
82Kb / 3P
   PNP Silicon Transistor (High current application Switching application)
logo
Unisonic Technologies
BC808 UTC-BC808 Datasheet
201Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
More results

Similar Description - BC80825

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC636 FAIRCHILD-BC636_09 Datasheet
111Kb / 5P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC337 UTC-BC337_11 Datasheet
148Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33716 FAIRCHILD-BC33716 Datasheet
33Kb / 3P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC546 UTC-BC546 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
   Switching and Amplifier Applications
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Unisonic Technologies
UTCBC337 UTC-UTCBC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC327 UTC-BC327 Datasheet
86Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33740TA FAIRCHILD-BC33740TA Datasheet
33Kb / 3P
   Switching and Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com