Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE1202EMX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # ACE1202EMX
Description  Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1202EMX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  ACE1202EMX Datasheet HTML 1Page - Fairchild Semiconductor ACE1202EMX Datasheet HTML 2Page - Fairchild Semiconductor ACE1202EMX Datasheet HTML 3Page - Fairchild Semiconductor ACE1202EMX Datasheet HTML 4Page - Fairchild Semiconductor ACE1202EMX Datasheet HTML 5Page - Fairchild Semiconductor ACE1202EMX Datasheet HTML 6Page - Fairchild Semiconductor ACE1202EMX Datasheet HTML 7Page - Fairchild Semiconductor ACE1202EMX Datasheet HTML 8Page - Fairchild Semiconductor ACE1202EMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
www.fairchildsemi.com
ACE1202 Product Family Rev. B.1
Preliminary ACE1202/ACE1202-2 DC Electrical Characteristics
VCC = 1.8/2.2/2.7 to 5.5V
All measurements valid for ambient operating temperature range unless otherwise stated.
Symbol
Parameter
Conditions
MIN
TYP
MAX
Units
I
CC
4
Supply Current –
1.8V
0.2
0.5
mA
no data EEPROM write in
2.2V
0.4
1.0
mA
progress
2.7V
0.7
1.2
mA
3.3V
1.2
2.0
mA
5.5V
3.7
5.5
mA
I
CCH
HALT Mode current
3.3V @ -40
°C to +25°C
10
100
nA
5.5V @ -40
°C to +25°C
60
1000
nA
3.3V @ +85
°C
75
1000
nA
5.5V @ +85
°C
400
2500
nA
3.3V @ +125
°C
600
5000
nA
5.5V @+125
°C
1550
8000
nA
I
CCL
5
IDLE Mode Current
3.3V
150
200
µA
5.5V
200
300
µA
V
CCW
EEPROM Write Voltage
Code EEPROM in
4.5
5.0
5.5
V
Programming Mode
Data EEPROM in
2.4
5.5
V
Operating Mode
S
VCC
Power Supply Slope
1
µs/V
10ms/V
V
IL
Input Low with Schmitt
V
CC = 1.8 -5.5V
0.2V
CC
V
Trigger Buffer
V
IH
Input High with Schmitt
V
CC = 1.8 - 5.5V
0.8V
CC
V
Trigger Buffer
I
IP
Input Pull-up Current
V
CC =5.5V, VIN =0V
30
65
350
µA
I
TL
TRI-STATE Leakage
V
CC =5.5V
2
200
nA
V
OL
Output Low Voltage
V
CC = 1.8 - 2.2V
G0, G1, G2, G4, G6, G7
0.8 mA sink
0.2V
CC
V
G5
1.0 mA sink
0.2V
CC
V
Output Low Voltage
V
CC = 2.2V – 3.3V
G0, G1, G2, G4, G6, G7
3.0 mA sink
0.2V
CC
V
G5
5.0 mA sink
0.2V
CC
V
Output Low Voltage
V
CC = 3.3V – 5.5V
G0, G1, G2, G4, G6, G7
5.0 mA sink
0.2V
CC
V
G5
10.0 mA sink
0.2V
CC
V
V
OH
Output High Voltage
V
CC = 1.8 - 2.2V
G0, G1, G2, G4, G6, G7
0.1 mA source
0.8V
CC
V
G5
0.2 mA source
0.8V
CC
V
Output High Voltage
V
CC = 3.3V – 5.5V
G0, G1, G2, G4, G6, G7
0.4 mA source
0.8V
CC
V
G5
0.8 mA source
0.8V
CC
V
Output High Voltage
V
CC = 3.3V – 5.5V
G0, G1, G2, G4, G6, G7
0.4 mA source
0.8V
CC
V
G5
1.0 mA source
0.8V
CC
V
4 I
CC active current is dependent on the program code.
5 Based on a continuous IDLE looping program.


Similar Part No. - ACE1202EMX

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE12021A ACE-ACE12021A Datasheet
221Kb / 3P
   Dual P-Channel Enhancement Mode MOSFET
VER 1.1
ACE12021AKG+H ACE-ACE12021AKG+H Datasheet
221Kb / 3P
   Dual P-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE1202EMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com