Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW61D Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BCW61D
Description  PNP EPITAXIAL SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCW61D Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BCW61D Datasheet HTML 1Page - Fairchild Semiconductor BCW61D Datasheet HTML 2Page - Fairchild Semiconductor BCW61D Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BCW61A/B/C/D
PNP EPITAXIAL SILICON TRANSISTOR
GENERAL PURPOSE TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (TA=25
°°C)
• Refer to KS5086 for graphs
ELECTRICAL CHARACTERISTICS (TA=25
°°C)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current
Collector Dissipation
Storage Temperature
VCBO
VCEO
VEBO
IC
PC
TSTG
-32
-32
-5.0
-100
350
-55 ~ 150
V
V
V
mA
mW
°C
Characteristic
Symbol
Test Conditions
Min
Max
Unit
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector Cut-off Current
DC Current Gain
: BCW61B
: BCW61C
: BCW61D
: BCW61A
: BCW61B
: BCW61C
: BCW61D
: BCW61A
: BCW61B
: BCW61C
: BCW61D
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Base-Emitter On Voltage
Output Capacitance
Noise Figure
Turn On Time
Turn Off Time
BVCEO
BVEBO
ICES
hFE
VCE (sat)
VBE (sat)
VBE (on)
COB
NF
tON
tOFF
IC= -2mA, IB=0
IE= -1
µA, I
C=0
VCB= -32V, VBE=0
VCE= -5V, IC= -10
µA
VCE= -5V, IC= -2mA
VCE= -5V, IC= -50mA
IC= -50mA, IB= -1.25mA
IC= -10mA, IB= -0.25mA
IC= -50mA, IB= -1.25mA
IC= -10mA, IB= -0.25mA
VCE= -5V, IC= -2mA
VCB= -10V, IE=0
f=1MHz
IC= -0.2mA, VCE= -5V
RG=20K
Ω, f=1KHz
IC= -10mA, IB1= -1mA
VBB= -3.6V, IB2= -1mA
R1=R2=50K
Ω, R
L=990
-32
-5
20
40
100
120
140
250
380
60
80
100
100
0.68
0.6
0.6
-20
220
310
460
630
-0.55
-0.25
1.05
0.85
0.75
6
6
150
800
V
V
nA
V
V
V
V
V
pF
dB
ns
ns
SOT-23
1. Base 2. Emitter 3. Collector
©1999 Fairchild Semiconductor Corporation
Rev. B


Similar Part No. - BCW61D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW61D PHILIPS-BCW61D Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Infineon Technologies A...
BCW61D INFINEON-BCW61D Datasheet
169Kb / 11P
   PNP Silicon AF Transistors
2007-10-18
logo
Samsung semiconductor
BCW61D SAMSUNG-BCW61D Datasheet
33Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Allied Components Inter...
BCW61D ALLIED-BCW61D Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
Siemens Semiconductor G...
BCW61D SIEMENS-BCW61D Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BCW61D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com