Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2318GEN-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP2318GEN-HF
Description  Capable of 2.5V Gate Drive, Small Outline Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2318GEN-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP2318GEN-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2318GEN-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2318GEN-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2318GEN-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Capable of 2.5V Gate Drive
BVDSS
30V
▼ Small Outline Package
RDS(ON)
1.5Ω
▼ Surface Mount Device
ID
500mA
▼ RoHS Compliant
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
180
/W
Data and specifications subject to change without notice
1
AP2318GEN-HF
Halogen-Free Product
200901154
Parameter
Rating
Drain-Source Voltage
30
Gate-Source Voltage
±16
Continuous Drain Current
3, V
GS @ 4V
0.5
Continuous Drain Current
3, V
GS @ 4V
0.4
Pulsed Drain Current
1
2
Total Power Dissipation
0.7
-55 to 150
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
0.006
Thermal Data
Parameter
Storage Temperature Range
D
G
S
SOT-23
Advanced Power MOSFETs utilized advanced processing techniques to
achieve the lowest possible on-resistance, extremely efficient and
cost-effectiveness device.
The SOT-23 package is widely used for commercial-industrial applications.
G
D
S


Similar Part No. - AP2318GEN-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2318GEN-HF A-POWER-AP2318GEN-HF_14 Datasheet
103Kb / 4P
   Small Outline Package
More results

Similar Description - AP2318GEN-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF Datasheet
101Kb / 4P
   Capable of 2.5V Gate Drive, Small Outline Package
AP2302GN-HF A-POWER-AP2302GN-HF Datasheet
102Kb / 4P
   Capable of 2.5V gate drive, Small package outline
AP2328GN-HF A-POWER-AP2328GN-HF Datasheet
99Kb / 4P
   Capable of 2.5V Gate Drive, Small Outline Package
AP2318AGEN-HF A-POWER-AP2318AGEN-HF Datasheet
64Kb / 4P
   Capable of 2.5V Gate Drive, Small Outline Package, Surface Mount Device
AP2323GN-HF A-POWER-AP2323GN-HF Datasheet
101Kb / 4P
   Capable of 1.8V Gate Drive, Small Package Outline
AP2338GN-HF A-POWER-AP2338GN-HF Datasheet
101Kb / 4P
   Capable of 1.8V Gate Drive, Small Outline Package
AP9T15GH-HF A-POWER-AP9T15GH-HF_16 Datasheet
63Kb / 5P
   Capable of 2.5V Gate Drive
AP9928GEM A-POWER-AP9928GEM Datasheet
76Kb / 4P
   Capable of 2.5V gate drive, Surface mount package
AP9926GM-HF A-POWER-AP9926GM-HF Datasheet
66Kb / 4P
   Capable of 2.5V Gate Drive, Surface Mount Package
AP9926GEO A-POWER-AP9926GEO Datasheet
65Kb / 4P
   Capable of 2.5V Gate Drive, Surface Mount Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com