Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2530AGY-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP2530AGY-HF
Description  Low Gate Charge, Fast Switching Performance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2530AGY-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP2530AGY-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2530AGY-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2530AGY-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2530AGY-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2530AGY-HF Datasheet HTML 5Page - Advanced Power Electronics Corp. AP2530AGY-HF Datasheet HTML 6Page - Advanced Power Electronics Corp. AP2530AGY-HF Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced Power
N AND P-CHANNEL ENHANCEMENT
Electronics Corp.
MODE POWER MOSFET
▼ Low Gate Charge
N-CH BVDSS
30V
▼ Fast Switching Performance
RDS(ON)
72mΩ
▼ Surface Mount Package
ID
3.3A
▼ RoHS Compliant & Halogen-Free
P-CH BVDSS
-30V
RDS(ON)
150mΩ
Description
ID
-2.3A
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
N-channel
P-channel
VDS
Drain-Source Voltage
30
-30
V
VGS
Gate-Source Voltage
+20
+20
V
ID@TA=25℃
Continuous Drain Current
3
3.3
-2.3
A
ID@TA=70℃
Continuous Drain Current
3
2.7
-1.8
A
IDM
Pulsed Drain Current
1
12
-10
A
PD@TA=25℃
Total Power Dissipation
1.136
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Thermal Data
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
110
/W
Data and specifications subject to change without notice
201101171
Parameter
1
AP2530AGY-HF
Halogen-Free Product
G2
D2
S2
G1
D1
S1
D1
S1
G1
S2
G2
D2
SOT-26
Advanced Power MOSFETs utilized advanced processing
techniques to achieve the lowest possible on-resistance, extremely
efficient and cost-effectiveness device.
The SOT-26 package is widely used for commercial surface mount
applications.


Similar Part No. - AP2530AGY-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2530AGY-HF A-POWER-AP2530AGY-HF Datasheet
126Kb / 7P
   Fast Switching Performance
AP2530AGY-HF A-POWER-AP2530AGY-HF_14 Datasheet
126Kb / 7P
   Fast Switching Performance
AP2530AGY-HF A-POWER-AP2530AGY-HF_16 Datasheet
124Kb / 8P
   RoHS Compliant & Halogen-Free
More results

Similar Description - AP2530AGY-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2532GY A-POWER-AP2532GY Datasheet
122Kb / 8P
   Low Gate Charge, Fast Switching Performance
AP2533GY-HF A-POWER-AP2533GY-HF Datasheet
124Kb / 7P
   Low Gate Charge, Fast Switching Performance
AP4951GM-HF A-POWER-AP4951GM-HF Datasheet
102Kb / 4P
   Simple Drive Requirement, Low Gate Charge, Fast Switching Performance
logo
List of Unclassifed Man...
FDS6911 ETC2-FDS6911 Datasheet
116Kb / 6P
   Fast switching speed, Low gate charge
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E Datasheet
750Kb / 5P
   Low Gate Charge for Fast Switching
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM120NA03CR TSC-TSM120NA03CR Datasheet
343Kb / 6P
   Low gate charge for fast power switching
TSM160N10LCR TSC-TSM160N10LCR Datasheet
308Kb / 6P
   Low gate charge for fast power switching
TSM085P03CV TSC-TSM085P03CV Datasheet
410Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
   Low gate charge for fast power switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com