Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2530AGY-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP2530AGY-HF
Description  Low Gate Charge, Fast Switching Performance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2530AGY-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP2530AGY-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2530AGY-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2530AGY-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2530AGY-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2530AGY-HF Datasheet HTML 5Page - Advanced Power Electronics Corp. AP2530AGY-HF Datasheet HTML 6Page - Advanced Power Electronics Corp. AP2530AGY-HF Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP2530AGY-HF
P-CH Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-30
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-2A
-
-
150
VGS=-4.5V, ID=-1A
-
-
280
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-5V, ID=-2A
-
2.9
-
S
IDSS
Drain-Source Leakage Current
VDS=-24V, VGS=0V
-
-
-1
uA
IGSS
Gate-Source Leakage
VGS=+20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
2
ID=-2A
-
2.5
4
nC
Qgs
Gate-Source Charge
VDS=-15V
-
0.8
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
1.2
-
nC
td(on)
Turn-on Delay Time
2
VDS=-15V
-
5.5
-
ns
tr
Rise Time
ID=-1A
-
8
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω
-17
-
ns
tf
Fall Time
VGS=-10V
-
3
-
ns
Ciss
Input Capacitance
VGS=0V
-
160
260
pF
Coss
Output Capacitance
VDS=-15V
-
60
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
40
-
pF
Rg
Gate Resistance
f=1.0MHz
-
8
-
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=0.9A, VGS=0V
-
-
1.2
V
trr
Reverse Recovery Time
2
IS=2A, VGS=0V
-
16
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
9
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
3.Surface mounted on 1 in
2 copper pad of FR4 board, t<5sec ; 180℃/W when mounted on min. copper pad.
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
3


Similar Part No. - AP2530AGY-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2530AGY-HF A-POWER-AP2530AGY-HF Datasheet
126Kb / 7P
   Fast Switching Performance
AP2530AGY-HF A-POWER-AP2530AGY-HF_14 Datasheet
126Kb / 7P
   Fast Switching Performance
AP2530AGY-HF A-POWER-AP2530AGY-HF_16 Datasheet
124Kb / 8P
   RoHS Compliant & Halogen-Free
More results

Similar Description - AP2530AGY-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2532GY A-POWER-AP2532GY Datasheet
122Kb / 8P
   Low Gate Charge, Fast Switching Performance
AP2533GY-HF A-POWER-AP2533GY-HF Datasheet
124Kb / 7P
   Low Gate Charge, Fast Switching Performance
AP4951GM-HF A-POWER-AP4951GM-HF Datasheet
102Kb / 4P
   Simple Drive Requirement, Low Gate Charge, Fast Switching Performance
logo
List of Unclassifed Man...
FDS6911 ETC2-FDS6911 Datasheet
116Kb / 6P
   Fast switching speed, Low gate charge
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E Datasheet
750Kb / 5P
   Low Gate Charge for Fast Switching
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM120NA03CR TSC-TSM120NA03CR Datasheet
343Kb / 6P
   Low gate charge for fast power switching
TSM160N10LCR TSC-TSM160N10LCR Datasheet
308Kb / 6P
   Low gate charge for fast power switching
TSM085P03CV TSC-TSM085P03CV Datasheet
410Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
   Low gate charge for fast power switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com