Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2613GY-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP2613GY-HF
Description  Fast Switching Characteristic, Lower Gate Charge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2613GY-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP2613GY-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2613GY-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2613GY-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2613GY-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
Fast Switching Characteristic
BVDSS
-20V
Lower Gate Charge
RDS(ON)
37mΩ
Small Footprint & Low Profile Package
ID
- 6.2A
RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
62.5
℃/W
Data and specifications subject to change without notice
Thermal Data
201111081
Parameter
Total Power Dissipation
Operating Junction Temperature Range
Storage Temperature Range
2
-55 to 150
-55 to 150
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
3
Continuous Drain Current
3
-4.9
Pulsed Drain Current
1
-24
Halogen-Free Product
1
AP2613GY-HF
Rating
- 20
+ 8
-6.2
Advanced Power MOSFETs utilized advanced processing techniques
to achieve the lowest possible on-resistance, extremely efficient and
cost-effectiveness device.
The SOT-26 package is widely used for all commercial-industrial
applications.
G
D
S
D
D
D
D
G
S
SOT-26


Similar Part No. - AP2613GY-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2613GY-HF A-POWER-AP2613GY-HF_14 Datasheet
61Kb / 4P
   Fast Switching Characteristic
AP2613GY-HF A-POWER-AP2613GY-HF_16 Datasheet
68Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP2613GY-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2606AGY-HF A-POWER-AP2606AGY-HF Datasheet
100Kb / 4P
   Fast Switching Characteristic, Lower Gate Charge
AP2310GG-HF A-POWER-AP2310GG-HF Datasheet
62Kb / 4P
   Lower Gate Charge, Fast Switching Characteristic
AP9404GM-HF A-POWER-AP9404GM-HF Datasheet
100Kb / 4P
   Lower Gate Charge, Fast Switching Characteristic
AP2606GY-HF A-POWER-AP2606GY-HF Datasheet
94Kb / 5P
   Fast Switching Characteristic, Lower Gate Charge
AP2615GY-HF A-POWER-AP2615GY-HF Datasheet
93Kb / 4P
   Fast Switching Characteristic, Lower Gate Charge
AP2334GN-HF A-POWER-AP2334GN-HF Datasheet
62Kb / 4P
   Fast Switching Characteristic, Lower Gate Charge
AP2604GY-HF A-POWER-AP2604GY-HF Datasheet
106Kb / 4P
   Fast Switching Characteristic, Lower Gate Charge
AP2605GY0-HF A-POWER-AP2605GY0-HF Datasheet
61Kb / 4P
   Fast Switching Characteristic, Lower Gate Charge
AP9404GH-HF A-POWER-AP9404GH-HF Datasheet
99Kb / 4P
   Lower Gate Charge, Fast Switching Characteristic
AP9408GM-HF A-POWER-AP9408GM-HF Datasheet
64Kb / 4P
   Lower Gate Charge, Fast Switching Characteristic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com