Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4034ASGYT-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP4034ASGYT-HF
Description  Simple Drive Requirement, Good Recovery Time
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4034ASGYT-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP4034ASGYT-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4034ASGYT-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4034ASGYT-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4034ASGYT-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AP4034ASGYT-HF
Advanced Power
N-CHANNEL MOSFET WITH SCHOTTKY
Electronics Corp.
DIODE
▼ Simple Drive Requirement
BVDSS
30V
▼ Good Recovery Time
RDS(ON)
7.2mΩ
▼ Small Size & Lower Profile
ID
17.5A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
VKA
V
IF@TA=25℃
A
IFM
A
PD@TA=25℃
W
TSTG
TJ
Symbol
Value
Unit
Rthj-c
Maximum Thermal Resistance, Junction-case
5
℃/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
35
℃/W
Data and specifications subject to change without notice
201203141
1
Rating
Halogen-Free Product
30
+20
17.5
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
3
-55 to 150
Continuous Drain Current
3
14
Pulsed Drain Current
1
60
Storage Temperature Range
3.57
-55 to 150
Schottky Reverse Voltage
30
Thermal Data
Parameter
Total Power Dissipation
Operating Junction Temperature Range
Continous Forward Current
1
Pulsed Diode Forward Current
25
AP4034A series are from Advanced Power innovated design and silicon
process technology to achieve the lowest possible on-resistance and fast
switching performance. It provides the designer with an extreme efficient
device for use in a wide range of power applications.
The PMPAK
® 3x3 package is special for voltage conversion application
using standard infrared reflow technique with the backside heat sink to
achieve the good thermal performance.
D
D
D
D
S
S
S
G
PMPAK
® 3x3
G
D
S
Schottky Diode


Similar Part No. - AP4034ASGYT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4034ASGYT-HF A-POWER-AP4034ASGYT-HF_14 Datasheet
66Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP4034ASGYT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4810GSM A-POWER-AP4810GSM Datasheet
110Kb / 4P
   Simple Drive Requirement, Good Recovery Time
AP4813GSM-HF A-POWER-AP4813GSM-HF Datasheet
108Kb / 4P
   Simple Drive Requirement, Good Recovery Time
AP4813GYT-HF A-POWER-AP4813GYT-HF Datasheet
66Kb / 4P
   Simple Drive Requirement, Good Recovery Time
AP4438GSM-HF A-POWER-AP4438GSM-HF Datasheet
65Kb / 4P
   Simple Drive Requirement, Good Recovery Time
AP4500GYT-HF A-POWER-AP4500GYT-HF Datasheet
152Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4526AGH-HF A-POWER-AP4526AGH-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4531GH A-POWER-AP4531GH Datasheet
193Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4528GH A-POWER-AP4528GH Datasheet
196Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4509AGH-HF A-POWER-AP4509AGH-HF Datasheet
125Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4511GH-A A-POWER-AP4511GH-A Datasheet
158Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com