Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1500SCLRP Datasheet(PDF) 4 Page - Littelfuse

Part # P1500SCLRP
Description  Low voltage overshoot, Low on-state voltage, Low capacitance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1500SCLRP Datasheet(HTML) 4 Page - Littelfuse

  P1500SCLRP Datasheet HTML 1Page - Littelfuse P1500SCLRP Datasheet HTML 2Page - Littelfuse P1500SCLRP Datasheet HTML 3Page - Littelfuse P1500SCLRP Datasheet HTML 4Page - Littelfuse P1500SCLRP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SIDACtor® ProtectionThyristors
Revised: February 4, 2013
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
SIDACtor® Series, DO-214
Physical Specifications
Environmental Specifications
Lead Material
Copper Alloy
Terminal Finish
100% Matte-Tin Plated
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Figure 1
Soldering Parameters
Part Numbering
CONSTRUCTION
VARIABLE
REEL PACK
I
PP RATING
RoHS COMPLIANT
TYPE
P = SIDACtor
P
x LRP
MEDIAN VOLTAGE
PACKAGE TYPE
xxx 0S
High Temp Voltage
Blocking
80% Rated V
DRM (VAC Peak ) +125°C or +150°C,
504 or 1008 hrs. MIL-STD-750 (Method 1040)
JEDEC, JESD22-A-101
Temp Cycling
-65°C to +150°C, 15 min. dwell, 10 up to 100
cycles. MIL-STD-750 (Method 1051) EIA/JEDEC,
JESD22-A104
Biased Temp &
Humidity
52 V
DC (+85°C) 85%RH, 504 up to 1008 hrs.
EIA/
JEDEC, JESD22-A-101
High Temp Storage
+150°C 1008 hrs. MIL-STD-750 (Method 1031)
JEDEC, JESD22-A-101
Low Temp Storage
-65°C, 1008 hrs.
Thermal Shock
0°C to +100°C, 5 min. dwell, 10 sec. transfer,
10 cycles. MIL-STD-750 (Method 1056) JEDEC,
JESD22-A-106
Autoclave (Pressure
Cooker Test)
+121°C, 100%RH, 2atm, 24 up to 168 hrs. EIA/
JEDEC, JESD22-A-102
Resistance to Solder
Heat
+260°C, 30 secs. MIL-STD-750 (Method 2031)
Moisture Sensitivity
Level
85%RH, +85°C, 168 hrs., 3 reflow cycles
(+260°C Peak). JEDEC-J-STD-020, Level 1
Reflow Condition
Pb-Free assembly
(see Fig. 1)
Pre Heat
-Temperature Min (T
s(min))
+150°C
-Temperature Max (T
s(max))
+200°C
-Time (Min to Max) (t
s)
60-180 secs.
Average ramp up rate (LiquidusTemp (T
L)
to peak)
3°C/sec. Max.
T
S(max) to TL - Ramp-up Rate
3°C/sec. Max.
Reflow
-Temperature (T
L) (Liquidus)
+217°C
-Temperature (t
L)
60-150 secs.
PeakTemp (T
P)
+260(+0/-5)°C
Time within 5°C of actual PeakTemp (t
p)
30 secs. Max.
Ramp-down Rate
6°C/sec. Max.
Time 25°C to PeakTemp (T
P)
8 min. Max.
Do not exceed
+260°C
Part Marking
Pxxx
Date Code
Part Marking Code
(Refer to Electrical Characteristics Table)
xxxxx


Similar Part No. - P1500SCLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1500SCLRP LITTELFUSE-P1500SCLRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
logo
HuaXinAn Electronics CO...
P1500SCLRP HUAXINAN-P1500SCLRP Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
logo
Littelfuse
P1500SCLRP LITTELFUSE-P1500SCLRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
P1500SCLRP LITTELFUSE-P1500SCLRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
P1500SCLRP LITTELFUSE-P1500SCLRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
More results

Similar Description - P1500SCLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A0709SCLRP LITTELFUSE-A0709SCLRP Datasheet
2Mb / 4P
   Low voltage overshoot
A0710SCLRP LITTELFUSE-A0710SCLRP Datasheet
2Mb / 4P
   Low on-state voltage
P1553AALRP LITTELFUSE-P1553AALRP Datasheet
154Kb / 5P
   Low voltage overshoot Balanced overvoltage protection
logo
Texas Instruments
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
[Old version datasheet]   LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
MERITEK ELECTRONICS COR...
MB6A MERITEK-MB6A Datasheet
355Kb / 5P
   Low Capacitance, Super Low Clamping Voltage Transient Voltage Suppressors
MB6C MERITEK-MB6C Datasheet
633Kb / 5P
   Low Capacitance, Super Low Clamping Voltage Transient Voltage Suppressors
logo
Toshiba Semiconductor
TC7SBL66CFU TOSHIBA-TC7SBL66CFU Datasheet
185Kb / 9P
   Low Voltage / Low Capacitance Single Bus Switch
TC7WBL3306CFK TOSHIBA-TC7WBL3306CFK Datasheet
205Kb / 10P
   Low Voltage / Low Capacitance Dual Bus Switch
TC7MBL6125SFT TOSHIBA-TC7MBL6125SFT Datasheet
251Kb / 11P
   Quad Low Voltage/Low Capacitance Bus Switch
TC7MBL3245SFT TOSHIBA-TC7MBL3245SFT Datasheet
252Kb / 10P
   Low Voltage/Low Capacitance Octal Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com