Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1500SCLRP Datasheet(PDF) 1 Page - Littelfuse

Part # P1500SCLRP
Description  Low voltage overshoot, Low on-state voltage, Low capacitance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1500SCLRP Datasheet(HTML) 1 Page - Littelfuse

  P1500SCLRP Datasheet HTML 1Page - Littelfuse P1500SCLRP Datasheet HTML 2Page - Littelfuse P1500SCLRP Datasheet HTML 3Page - Littelfuse P1500SCLRP Datasheet HTML 4Page - Littelfuse P1500SCLRP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SIDACtor® ProtectionThyristors
Revised: February 4, 2013
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
SIDACtor® Series, DO-214
Electrical Characteristics
SIDACtor® Series - DO-214
SIDACtor® Series DO-214AA are designed to protect
baseband equipment such as modems, line cards, CPE and
DSL from damaging overvoltage transients.
The series provides a surface mount solution that enables
equipment to comply with global regulatory standards.
Description
AGENCY
AGENCY FILE NUMBER
E133083
Agency Approvals
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade surge
capability after multiple
surge events within
limit.
Fails short circuit when
surged in excess of
ratings
Low capacitance
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T=2.2 Amps
Capacitance
@1MHz, 2V bias
V min
V max
mA min
mA max
A max
V max
pF min
pF max
P0080SALRP
P-8A
6
25
50
800
2.2
4
25
150
P0220SALRP
P22A
15
32
50
800
2.2
4
25
150
P0300SALRP
P03A
25
40
50
800
2.2
4
15
140
P0640SALRP
P06A
58
77
150
800
2.2
4
40
60
P0720SALRP
P07A
65
88
150
800
2.2
4
35
60
P0900SALRP
P09A
75
98
150
800
2.2
4
25
55
P1100SALRP
P11A
90
130
150
800
2.2
4
30
50
P1300SALRP
P13A
120
160
150
800
2.2
4
25
45
P1500SALRP
P15A
140
180
150
800
2.2
4
25
40
P1800SALRP
P18A
170
220
150
800
2.2
4
25
35
P2100SALRP
P21A
180
240
150
800
2.2
4
20
35
P2300SALRP
P23A
190
260
150
800
2.2
4
25
35
P2600SALRP
P26A
220
300
150
800
2.2
4
20
35
P3100SALRP
P31A
275
350
150
800
2.2
4
20
35
P3500SALRP
P35A
320
400
150
800
2.2
4
20
35
P0080SBLRP
P-8B
6
25
50
800
2.2
4
25
150
P0220SBLRP
P22B
15
32
50
800
2.2
4
25
150
P0300SBLRP
P03B
25
40
50
800
2.2
4
15
140
P0640SBLRP
P06B
58
77
150
800
2.2
4
40
80
P0720SBLRP
P07B
65
88
150
800
2.2
4
35
75
Applicable Global Standards
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level*
ITU K.20/21 Basic Level
GR 1089 Inter-building*
GR 1089 Intra-building
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
*A/B-rated parts require series resistance
Pinout Designation
Schematic Symbol
Not Applicable
Table continues on next page.
RoHS


Similar Part No. - P1500SCLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1500SCLRP LITTELFUSE-P1500SCLRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
logo
HuaXinAn Electronics CO...
P1500SCLRP HUAXINAN-P1500SCLRP Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
logo
Littelfuse
P1500SCLRP LITTELFUSE-P1500SCLRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
P1500SCLRP LITTELFUSE-P1500SCLRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
P1500SCLRP LITTELFUSE-P1500SCLRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
More results

Similar Description - P1500SCLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A0709SCLRP LITTELFUSE-A0709SCLRP Datasheet
2Mb / 4P
   Low voltage overshoot
A0710SCLRP LITTELFUSE-A0710SCLRP Datasheet
2Mb / 4P
   Low on-state voltage
P1553AALRP LITTELFUSE-P1553AALRP Datasheet
154Kb / 5P
   Low voltage overshoot Balanced overvoltage protection
logo
Texas Instruments
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
[Old version datasheet]   LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
MERITEK ELECTRONICS COR...
MB6A MERITEK-MB6A Datasheet
355Kb / 5P
   Low Capacitance, Super Low Clamping Voltage Transient Voltage Suppressors
MB6C MERITEK-MB6C Datasheet
633Kb / 5P
   Low Capacitance, Super Low Clamping Voltage Transient Voltage Suppressors
logo
Toshiba Semiconductor
TC7SBL66CFU TOSHIBA-TC7SBL66CFU Datasheet
185Kb / 9P
   Low Voltage / Low Capacitance Single Bus Switch
TC7WBL3306CFK TOSHIBA-TC7WBL3306CFK Datasheet
205Kb / 10P
   Low Voltage / Low Capacitance Dual Bus Switch
TC7MBL6125SFT TOSHIBA-TC7MBL6125SFT Datasheet
251Kb / 11P
   Quad Low Voltage/Low Capacitance Bus Switch
TC7MBL3245SFT TOSHIBA-TC7MBL3245SFT Datasheet
252Kb / 10P
   Low Voltage/Low Capacitance Octal Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com