Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4434AGYT-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP4434AGYT-HF
Description  Simple Drive Requirement, Small Size & Lower Profile
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4434AGYT-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP4434AGYT-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4434AGYT-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4434AGYT-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4434AGYT-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP4434AGYT-HF
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0
10
20
30
40
012
345
V DS , Drain-to-Source Voltage (V)
5.0V
4.5V
3.5V
2.5V
V G = 1.8V
T A =25
o C
0
10
20
30
40
012
345
V DS , Drain-to-Source Voltage (V)
T A = 150
o C
5.0V
4.5V
3.5V
2.5V
V G = 1.8V
10
14
18
22
26
12
34
56
V GS , Gate-to-Source Voltage (V)
I D =4 A
T A =25 ℃
0.4
0.8
1.2
1.6
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =7A
V G =4.5V
0.0
0.4
0.8
1.2
1.6
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C)
0
2
4
6
8
0
0.2
0.4
0.6
0.8
1
1.2
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
I D =1mA


Similar Part No. - AP4434AGYT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4434AGYT-HF A-POWER-AP4434AGYT-HF_14 Datasheet
66Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP4434AGYT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4800GYT-HF A-POWER-AP4800GYT-HF Datasheet
106Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP4820GYT-HF A-POWER-AP4820GYT-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP4453GYT-HF A-POWER-AP4453GYT-HF Datasheet
118Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP4455GYT-HF A-POWER-AP4455GYT-HF Datasheet
65Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP6680BGYT-HF A-POWER-AP6680BGYT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP6680SGYT-HF A-POWER-AP6680SGYT-HF Datasheet
65Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP6980GN2-HF A-POWER-AP6980GN2-HF Datasheet
104Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP9430AGYT-HF A-POWER-AP9430AGYT-HF Datasheet
103Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP9430GYT-HF A-POWER-AP9430GYT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP4451GYT-HF A-POWER-AP4451GYT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP4435GYT-HF A-POWER-AP4435GYT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com