Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4002 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # 1N4002
Description  General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4002 Datasheet(HTML) 3 Page - Leshan Radio Company

  1N4002 Datasheet HTML 1Page - Leshan Radio Company 1N4002 Datasheet HTML 2Page - Leshan Radio Company 1N4002 Datasheet HTML 3Page - Leshan Radio Company 1N4002 Datasheet HTML 4Page - Leshan Radio Company 1N4002 Datasheet HTML 5Page - Leshan Radio Company 1N4002 Datasheet HTML 6Page - Leshan Radio Company 1N4002 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3. dimension:
1N4001 thru 1N4008


Similar Part No. - 1N4002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4002 EIC-1N4002 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
logo
First Silicon Co., Ltd
1N4002 FS-1N4002 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
ON Semiconductor
1N4002 ONSEMI-1N4002 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
More results

Similar Description - 1N4002

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N4008S LRC-1N4008S Datasheet
184Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N4008G LRC-1N4008G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N5400 LRC-1N5400_12 Datasheet
205Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 3.0A
1A7 LRC-1A7_12 Datasheet
189Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RL201 LRC-RL201_11 Datasheet
162Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RL151 LRC-RL151_11 Datasheet
304Kb / 11P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RL251 LRC-RL251_11 Datasheet
458Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
RL251G LRC-RL251G Datasheet
176Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
logo
Rugao Dachang Electroni...
HER101 DACHANG-HER101 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SF11 DACHANG-SF11 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com