Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4002 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # 1N4002
Description  General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4002 Datasheet(HTML) 6 Page - Leshan Radio Company

  1N4002 Datasheet HTML 1Page - Leshan Radio Company 1N4002 Datasheet HTML 2Page - Leshan Radio Company 1N4002 Datasheet HTML 3Page - Leshan Radio Company 1N4002 Datasheet HTML 4Page - Leshan Radio Company 1N4002 Datasheet HTML 5Page - Leshan Radio Company 1N4002 Datasheet HTML 6Page - Leshan Radio Company 1N4002 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
标题:
4 编带规格 brede spec
26/tape
35/tape
40/tape
42/tape
52/tape
52/tape#
W
26 0.0/+1.6 35 -1.0/+0.5 40 -1.0/+0.5 42 -1.0/+1.0 52 -1.0/+2.0 52 -1.0/+2.0
P
5±0.55±0.55±0.55±0.5
5±0.5
10±0.5
L1-L2
1.0
1.0
1.0
1.0
1.0
1.0
H
6±1.06±1.06±1.06±1.0
6±1.0
6±1.0
Z
1.0
1.0
1.0
1.0
1.0
1.0
R
1.0
1.0
1.0
1.0
1.0
1.0
T
3.5
3.5
3.5
3.5
3.5
3.5
注: 52编带# 为DO-201AD编带规格 "52编带#" just for D0-201AD
1. 红白编带厚度为0.05mm;两种胶带各自之间无明显色差;编带要求均为胶带。
The typing thickness is 0.05mm and color is obvious difference
2. 两端引带20~40cm. Typing lead over 20~40cm
3. 红色编带一端为二极管“负极”;白色编带一端为二极管“正极”。
red color is cathode ,white color is anode
4. 无卤 green epoxy compound(无卤产品才贴HF only)
尺寸代号
编带尺寸 typing dimension
第 3 页
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
Green


Similar Part No. - 1N4002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4002 EIC-1N4002 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
First Silicon Co., Ltd
1N4002 FS-1N4002 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
ON Semiconductor
1N4002 ONSEMI-1N4002 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
More results

Similar Description - 1N4002

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N4008S LRC-1N4008S Datasheet
184Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N4008G LRC-1N4008G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N5400 LRC-1N5400_12 Datasheet
205Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 3.0A
1A7 LRC-1A7_12 Datasheet
189Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RL201 LRC-RL201_11 Datasheet
162Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RL151 LRC-RL151_11 Datasheet
304Kb / 11P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RL251 LRC-RL251_11 Datasheet
458Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
RL251G LRC-RL251G Datasheet
176Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
logo
Rugao Dachang Electroni...
HER101 DACHANG-HER101 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SF11 DACHANG-SF11 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com