Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4813GYT-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP4813GYT-HF
Description  Simple Drive Requirement, Good Recovery Time
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4813GYT-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP4813GYT-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4813GYT-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4813GYT-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4813GYT-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Maximum Continuous Drain Current
v.s. Ambient Temperature
4
AP4813GYT-HF
0
2
4
6
8
10
0
5
10
15
20
25
30
Q G , Total Gate Charge (nC)
I D =8 A
V DS =15V
0
400
800
1200
1600
2000
1
5
9
131721
2529
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthia=85 ℃/W
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
Operation in this
area limited by
RDS(ON)
0
20
40
60
80
0123456
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V
0
4
8
12
16
25
50
75
100
125
150
T A , Ambient Temperature (
o C )
T j =-40
o C


Similar Part No. - AP4813GYT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4813GYT-HF A-POWER-AP4813GYT-HF_14 Datasheet
66Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP4813GYT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4810GSM A-POWER-AP4810GSM Datasheet
110Kb / 4P
   Simple Drive Requirement, Good Recovery Time
AP4034ASGYT-HF A-POWER-AP4034ASGYT-HF Datasheet
66Kb / 4P
   Simple Drive Requirement, Good Recovery Time
AP4813GSM-HF A-POWER-AP4813GSM-HF Datasheet
108Kb / 4P
   Simple Drive Requirement, Good Recovery Time
AP4438GSM-HF A-POWER-AP4438GSM-HF Datasheet
65Kb / 4P
   Simple Drive Requirement, Good Recovery Time
AP4500GYT-HF A-POWER-AP4500GYT-HF Datasheet
152Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4526AGH-HF A-POWER-AP4526AGH-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4531GH A-POWER-AP4531GH Datasheet
193Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4528GH A-POWER-AP4528GH Datasheet
196Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4509AGH-HF A-POWER-AP4509AGH-HF Datasheet
125Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4511GH-A A-POWER-AP4511GH-A Datasheet
158Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com