Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6679GH-HF Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part # AP6679GH-HF
Description  Lower On-resistance, Simple Drive Requirement
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6679GH-HF Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

  AP6679GH-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6679GH-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6679GH-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6679GH-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP6679GH-HF Datasheet HTML 5Page - Advanced Power Electronics Corp. AP6679GH-HF Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Package Outline : TO-251
MIN
NOM
MAX
A
2.20
2.30
2.40
A1
0.90
1.20
1.50
B1
0.40
0.60
0.80
B2
0.60
0.85
1.05
c
0.40
0.50
0.60
c1
0.40
0.50
0.60
D
6.40
6.60
6.80
D1
4.80
5.20
5.50
E
6.70
7.00
7.30
E1
5.40
5.60
5.80
E2
1.30
1.50
1.70
e
----
2.30
----
F
7.00
8.30
9.60
1.All Dimensions Are in Millimeters.
2.Dimension Does Not Include Mold Protrusions.
Part Marking Information & Packing : TO-251
SYMBOLS
ADVANCED POWER ELECTRONICS CORP.
Millimeters
6679GJ
YWWSSS
Part Number
Package Code
A
c1
A1
c
e
D
E2
E1
E
B1
B2
F
D1
e
Date Code (YWWSSS)
Y :Last Digit Of The Year
WW :Week
SSS :Sequence
If last "S" is numerical letter : Rohs product
If last "S" is English letter : HF & Rohs product
LOGO
meet Rohs requirement
for low voltage MOSFET only
6


Similar Part No. - AP6679GH-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6679GH-HF A-POWER-AP6679GH-HF Datasheet
105Kb / 5P
   Fast Switching Characteristic
logo
VBsemi Electronics Co.,...
AP6679GH-HF VBSEMI-AP6679GH-HF Datasheet
1,023Kb / 8P
   P-Channel 30 V (D-S) MOSFET
logo
Advanced Power Electron...
AP6679GH-HF A-POWER-AP6679GH-HF_14 Datasheet
222Kb / 6P
   Simple Drive Requirement
AP6679GH-HF A-POWER-AP6679GH-HF_16 Datasheet
105Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP6679GH-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2R803GM-HF A-POWER-AP2R803GM-HF Datasheet
118Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP9561GJ-HF A-POWER-AP9561GJ-HF Datasheet
102Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP4435GJ-HF A-POWER-AP4435GJ-HF Datasheet
106Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP4437GM-HF A-POWER-AP4437GM-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP83T03GM-HF A-POWER-AP83T03GM-HF Datasheet
119Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP90T03GH A-POWER-AP90T03GH Datasheet
212Kb / 6P
   Lower On- resistance, Simple Drive Requirement
AP4407GS A-POWER-AP4407GS Datasheet
223Kb / 6P
   Lower On-resistance, Simple Drive Requirement
AP55T06GS-HF A-POWER-AP55T06GS-HF Datasheet
118Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP6679GS,P-A A-POWER-AP6679GS,P-A Datasheet
68Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP95T06AGP A-POWER-AP95T06AGP Datasheet
155Kb / 5P
   Simple Drive Requirement, Lower On-resistance
AP40P03GI-HF A-POWER-AP40P03GI-HF Datasheet
107Kb / 4P
   Lower On-resistance, Simple Drive Requirement
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com