Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6679GI-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP6679GI-HF
Description  Low Gate Charge, Single Drive Requirement
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6679GI-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP6679GI-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6679GI-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6679GI-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6679GI-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP6679GI-HF Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AP6679GI-HF
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
5
15
25
35
246
8
10
-V GS , Gate-to-Source Voltage (V)
I D = -24A
T C =25 ℃
0
70
140
210
280
01
23
4
-V DS , Drain-to-Source Voltage (V)
T C =25
o C
-10V
-8.0V
-6.0V
-4.5V
V G =-3.0V
0.4
0.8
1.2
1.6
-50
0
50
100
150
T j , Junction Temperature (
o C)
0
10
20
30
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0.6
1.0
1.4
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =-30A
V G =-10V
0
50
100
150
0.0
0.5
1.0
1.5
2.0
2.5
-V DS , Drain-to-Source Voltage (V)
T C =150
o C
-10V
-8.0V
-6.0V
-4.5V
V G =-3.0V


Similar Part No. - AP6679GI-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6679GI-HF A-POWER-AP6679GI-HF_14 Datasheet
159Kb / 5P
   Single Drive Requirement
AP6679GI-HF A-POWER-AP6679GI-HF_16 Datasheet
63Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP6679GI-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP70T03AS A-POWER-AP70T03AS Datasheet
77Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP4951GM A-POWER-AP4951GM Datasheet
188Kb / 5P
   Simple Drive Requirement, Low Gate Charge
AP85T03GS,P-HF A-POWER-AP85T03GS,P-HF Datasheet
105Kb / 4P
   Low Gate Charge, Simple Drive Requirement
AP9435GP A-POWER-AP9435GP Datasheet
99Kb / 4P
   Low Gate Charge, Simple Drive Requirement
AP9435GM A-POWER-AP9435GM Datasheet
185Kb / 5P
   Simple Drive Requirement, Low Gate Charge
AP70L02GH A-POWER-AP70L02GH Datasheet
84Kb / 6P
   Low Gate Charge, Simple Drive Requirement
AP60T03GH,J A-POWER-AP60T03GH,J Datasheet
104Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP70T03AH A-POWER-AP70T03AH Datasheet
76Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP60T03AS A-POWER-AP60T03AS Datasheet
82Kb / 4P
   Simple Drive Requirement Low Gate Charge
AP60T03GH,J-HF A-POWER-AP60T03GH,J-HF Datasheet
104Kb / 4P
   Simple Drive Requirement, Low Gate Charge
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com