Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6679GR Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP6679GR
Description  Lower On-resistance, Simple Drive Requirement
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6679GR Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP6679GR Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6679GR Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6679GR Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6679GR Datasheet HTML 4Page - Advanced Power Electronics Corp. AP6679GR Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
4
AP6679GR
100
1000
10000
1
5
9
13
17
21
25
29
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
Q
VG
-4.5V
QGS
QGD
QG
Charge
0
1
2
3
4
5
6
7
0
10
203040
5060
Q G , Total Gate Charge (nC)
I D = -16A
V DS = -24V
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
1
10
100
1000
0.1
1
10
100
-V DS , Drain-to-Source Voltage (V)
100us
1ms
10ms
100ms
1s
DC
T C =25
o C
Single Pulse
0
15
30
45
60
75
012345
-V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS = -5V


Similar Part No. - AP6679GR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6679GR A-POWER-AP6679GR_14 Datasheet
155Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP6679GR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2R803GM-HF A-POWER-AP2R803GM-HF Datasheet
118Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP9561GJ-HF A-POWER-AP9561GJ-HF Datasheet
102Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP4435GJ-HF A-POWER-AP4435GJ-HF Datasheet
106Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP4437GM-HF A-POWER-AP4437GM-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP83T03GM-HF A-POWER-AP83T03GM-HF Datasheet
119Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP90T03GH A-POWER-AP90T03GH Datasheet
212Kb / 6P
   Lower On- resistance, Simple Drive Requirement
AP4407GS A-POWER-AP4407GS Datasheet
223Kb / 6P
   Lower On-resistance, Simple Drive Requirement
AP55T06GS-HF A-POWER-AP55T06GS-HF Datasheet
118Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP6679GS,P-A A-POWER-AP6679GS,P-A Datasheet
68Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP95T06AGP A-POWER-AP95T06AGP Datasheet
155Kb / 5P
   Simple Drive Requirement, Lower On-resistance
AP40P03GI-HF A-POWER-AP40P03GI-HF Datasheet
107Kb / 4P
   Lower On-resistance, Simple Drive Requirement
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com