Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6920GMT-HF Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP6920GMT-HF
Description  Simple Drive Requirement, Easy for Synchronous Buck Converter Application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6920GMT-HF Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP6920GMT-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6920GMT-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6920GMT-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6920GMT-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP6920GMT-HF Datasheet HTML 5Page - Advanced Power Electronics Corp. AP6920GMT-HF Datasheet HTML 6Page - Advanced Power Electronics Corp. AP6920GMT-HF Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CH-1 Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
30
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=12A
-
6.5
8.5
mΩ
VGS=4.5V, ID=8A
-
9.3
12
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
1.32
3
V
gfs
Forward Transconductance
VDS=10V, ID=12A
-
36
-
S
IDSS
Drain-Source Leakage Current
VDS=24V, VGS=0V
-
-
10
uA
IGSS
Gate-Source Leakage
VGS=+20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
ID=12A
-
6.5
10.4
nC
Qgs
Gate-Source Charge
VDS=15V
-
1.5
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
3
-
nC
td(on)
Turn-on Delay Time
VDS=15V
-
7.5
-
ns
tr
Rise Time
ID=1A
-
5
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω
-18
-
ns
tf
Fall Time
VGS=10V
-
7
-
ns
Ciss
Input Capacitance
VGS=0V
-
600
960
pF
Coss
Output Capacitance
VDS=15V
-
220
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
100
-
pF
Rg
Gate Resistance
f=1.0MHz
-
2.7
5.4
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=12A, VGS=0V
-
-
1.2
V
trr
Reverse Recovery Time
IS=12A, VGS=0V,
-
20
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
10
-
nC
2
AP6920GMT-HF


Similar Part No. - AP6920GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6920GMT-HF A-POWER-AP6920GMT-HF_14 Datasheet
126Kb / 7P
   Simple Drive Requirement
AP6920GMT-HF A-POWER-AP6920GMT-HF_16 Datasheet
133Kb / 8P
   Simple Drive Requirement
More results

Similar Description - AP6920GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6923GMT-HF A-POWER-AP6923GMT-HF Datasheet
135Kb / 7P
   Simple Drive Requirement, Easy for Synchronous Buck Converter Application
AP6921GMT-HF A-POWER-AP6921GMT-HF Datasheet
133Kb / 7P
   Simple Drive Requirement, Easy for Synchronous Buck Converter Application
AP6928GMT-HF A-POWER-AP6928GMT-HF Datasheet
135Kb / 7P
   Simple Drive Requirement, Easy for Synchronous Buck Converter Application
AP6950GYT-HF A-POWER-AP6950GYT-HF Datasheet
134Kb / 7P
   Simple Drive Requirement, Easy for Synchronous Buck Converter Application
AP6922GMT-HF A-POWER-AP6922GMT-HF Datasheet
135Kb / 7P
   Simple Drive Requirement, Easy for Synchronous Buck Converter Application
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP95T10AGR-HF A-POWER-AP95T10AGR-HF_14 Datasheet
53Kb / 4P
   Simple Drive Requirement
AP95T11GI-HF A-POWER-AP95T11GI-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP98T03GW-HF A-POWER-AP98T03GW-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com