Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6941GMT-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP6941GMT-HF
Description  Simple Drive Requirement, Good Thermal Performance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6941GMT-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP6941GMT-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6941GMT-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6941GMT-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6941GMT-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP6941GMT-HF Datasheet HTML 5Page - Advanced Power Electronics Corp. AP6941GMT-HF Datasheet HTML 6Page - Advanced Power Electronics Corp. AP6941GMT-HF Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP6941GMT-HF
P-CH Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-20
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-4.5V, ID=-8A
-
24.7
32
VGS=-2.5V, ID=-4A
-
34.6
45
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-0.3
-0.64
-1.2
V
gfs
Forward Transconductance
VDS=-10V, ID=-8A
-
21
-
S
IDSS
Drain-Source Leakage Current
VDS=-16V, VGS=0V
-
-
-10
uA
IGSS
Gate-Source Leakage
VGS=+8V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
ID=-8A
-
13
20.8
nC
Qgs
Gate-Source Charge
VDS=-10V
-
1.7
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
4.6
-
nC
td(on)
Turn-on Delay Time
VDS=-10V
-
9
-
ns
tr
Rise Time
ID=-1A
-
20
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω
-50
-
ns
tf
Fall Time
VGS=-5V
-
39
-
ns
Ciss
Input Capacitance
VGS=0V
-
1050
1680
pF
Coss
Output Capacitance
VDS=-10V
-
180
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
170
-
pF
Rg
Gate Resistance
f=1.0MHz
-
7
14
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSD
Forward On Voltage
2
IS=-8A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
IS=-8A, VGS=0V,
-
21
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
10
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
3
3.Surface mounted on 1 in
2 copper pad of FR4 board, t <10sec ; 85oC/W at steady state.


Similar Part No. - AP6941GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6941GMT-HF A-POWER-AP6941GMT-HF_14 Datasheet
87Kb / 7P
   Simple Drive Requirement
AP6941GMT-HF A-POWER-AP6941GMT-HF_16 Datasheet
91Kb / 8P
   Good Thermal Performance
More results

Similar Description - AP6941GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4500GYT-HF A-POWER-AP4500GYT-HF Datasheet
152Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4526AGH-HF A-POWER-AP4526AGH-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4531GH A-POWER-AP4531GH Datasheet
193Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4528GH A-POWER-AP4528GH Datasheet
196Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4509AGH-HF A-POWER-AP4509AGH-HF Datasheet
125Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4511GH-A A-POWER-AP4511GH-A Datasheet
158Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4563GH-HF A-POWER-AP4563GH-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4578GH-HF A-POWER-AP4578GH-HF Datasheet
128Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4513GH-A A-POWER-AP4513GH-A Datasheet
158Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4543GEH-HF A-POWER-AP4543GEH-HF Datasheet
183Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4578GH A-POWER-AP4578GH_11 Datasheet
128Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com