Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6942GMT-HF Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part # AP6942GMT-HF
Description  Good Thermal Performance, Fast Switching Performance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6942GMT-HF Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

  AP6942GMT-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6942GMT-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6942GMT-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6942GMT-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP6942GMT-HF Datasheet HTML 5Page - Advanced Power Electronics Corp. AP6942GMT-HF Datasheet HTML 6Page - Advanced Power Electronics Corp. AP6942GMT-HF Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AP6942GMT-HF
P-Channel
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
6
0
8
16
24
32
40
024
68
10
-V DS , Drain-to-Source Voltage (V)
T A = 150
o C
-5.0V
-4.5V
-4.0V
-3.0V
V G = -1.8V
0.4
0.8
1.2
1.6
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =-7 A
V G = -4.5 V
0
2
4
6
8
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0
8
16
24
32
40
02
46
8
10
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
-5.0V
-4.5V
-4.0V
-3.0V
V G = -1.8V
15
24
33
12345
-V GS , Gate-to-Source Voltage (V)
I D =- 5 A
T A =25
o C
0.0
0.4
0.8
1.2
1.6
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D = -250uA


Similar Part No. - AP6942GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6942GMT-HF A-POWER-AP6942GMT-HF_14 Datasheet
134Kb / 7P
   Simple Drive Requirement
AP6942GMT-HF A-POWER-AP6942GMT-HF_16 Datasheet
94Kb / 8P
   Fast Switching Performance
More results

Similar Description - AP6942GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4543GMT-HF A-POWER-AP4543GMT-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Good Thermal Performance, Fast Switching Performance
AP4509AGH-HF A-POWER-AP4509AGH-HF_14 Datasheet
125Kb / 7P
   Good Thermal Performance
AP4513GH A-POWER-AP4513GH_14 Datasheet
128Kb / 7P
   Good Thermal Performance
AP6941GMT-HF A-POWER-AP6941GMT-HF_16 Datasheet
91Kb / 8P
   Good Thermal Performance
AP4521GEH A-POWER-AP4521GEH_14 Datasheet
123Kb / 7P
   Good Thermal Performance
AP5521GH-HF A-POWER-AP5521GH-HF_14 Datasheet
89Kb / 7P
   Good Thermal Performance
AP9938GEYT-HF A-POWER-AP9938GEYT-HF_14 Datasheet
72Kb / 4P
   Good Thermal Performance
AP4500GYT-HF A-POWER-AP4500GYT-HF Datasheet
152Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4526AGH-HF A-POWER-AP4526AGH-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4531GH A-POWER-AP4531GH Datasheet
193Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com