Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9412GI Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP9412GI
Description  Fast Switching Performance, Single Drive Requirement
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9412GI Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP9412GI Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9412GI Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9412GI Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9412GI Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9412GI Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
0.31
trr
Qrr
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4
AP9412GI
100
1000
10000
1
5
9
1317
2125
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C rss
C oss
td(on) tr
td(off) tf
VDS
VGS
10%
90%
Q
VG
4.5V
QGS
QGD
QG
Charge
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.1
1
10
100
1000
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T C =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0
2
4
6
8
10
12
0
10
203040
5060
Q G , Total Gate Charge (nC)
V DS =15V
V DS =20V
V DS =24V
I D =40 A


Similar Part No. - AP9412GI

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9412GI-HF A-POWER-AP9412GI-HF Datasheet
67Kb / 5P
   Fast Switching Performance
More results

Similar Description - AP9412GI

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP70T03GI A-POWER-AP70T03GI Datasheet
127Kb / 5P
   Fast Switching Performance, Single Drive Requirement
AP90T03GI A-POWER-AP90T03GI Datasheet
157Kb / 5P
   Fast Switching Performance, Single Drive Requirement
AP4503AGM-HF A-POWER-AP4503AGM-HF Datasheet
89Kb / 7P
   Simple Drive Requirement, Fast Switching Performance
AP4528GM A-POWER-AP4528GM Datasheet
211Kb / 8P
   Simple Drive Requirement, Fast Switching Performance
AP4531GM A-POWER-AP4531GM Datasheet
211Kb / 8P
   Simple Drive Requirement, Fast Switching Performance
AP4530GM A-POWER-AP4530GM Datasheet
212Kb / 8P
   Simple Drive Requirement, Fast Switching Performance
AP4501AGM A-POWER-AP4501AGM Datasheet
125Kb / 7P
   Simple Drive Requirement, Fast Switching Performance
AP6906GH-HF A-POWER-AP6906GH-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Fast Switching Performance
AP4521GEM A-POWER-AP4521GEM Datasheet
120Kb / 7P
   Simple Drive Requirement, Fast Switching Performance
AP4543GEM-HF A-POWER-AP4543GEM-HF Datasheet
124Kb / 7P
   Simple Drive Requirement, Fast Switching Performance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com