Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDW23B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BDW23B
Description  Hammer Drivers, Audio Amplifiers Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDW23B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BDW23B Datasheet HTML 1Page - Fairchild Semiconductor BDW23B Datasheet HTML 2Page - Fairchild Semiconductor BDW23B Datasheet HTML 3Page - Fairchild Semiconductor BDW23B Datasheet HTML 4Page - Fairchild Semiconductor BDW23B Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW =300
µs, duty Cycle =1.5% Pulsed
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
s
VCEO(sus)
Collector-Emitter Sustaining Voltage
: BDW23
: BDW23A
: BDW23B
: BDW23C
IC = 100mA, IB = 0
45
60
80
100
V
V
V
V
ICBO
Collector Cut-off Current
: BDW23
: BDW23A
: BDW23B
: BDW23C
VCB = 45V, IE = 0
VCB = 60V, IE = 0
VCB = 80V, IE = 0
VCB = 100V, IE = 0
200
200
200
200
µA
µA
µA
µA
ICEO
Collector Cut-off Current
: BDW23
: BDW23A
: BDW23B
: BDW23C
VCE = 22V, IB = 0
VCE = 30V, IB = 0
VCE = 40V, IB = 0
VCE = 50V, IB = 0
500
500
500
500
µA
µA
µA
µA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
2
mA
hFE
* DC Current Gain
VCE = 3V, IC = 1A
VCE = 3V, IC = 2A
VCE = 3V, IC = 6A
1000
750
100
20000
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = 2A, IB = 8mA
IC = 6A, IB = 60mA
2
3
V
V
VBE(sat)
* Base-Emitter Saturation Voltage
IC = 2A, IB = 8mA
2.5
V
VBE(on)
* Base-Emitter ON Voltage
VCE = 3V, IC = 1A
VCE = 3V, IC = 6A
2.5
3
V
V
VF
* Parallel Diode Forward Voltage
IF = 2A
1.8
V


Similar Part No. - BDW23B

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDW23B POINN-BDW23B Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW23B BOURNS-BDW23B Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BDW23B ISC-BDW23B Datasheet
121Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDW23B NJSEMI-BDW23B Datasheet
141Kb / 2P
   Silicon NPN Darlington Power Transistor
More results

Similar Description - BDW23B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BDW24 FAIRCHILD-BDW24 Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDW93 FAIRCHILD-BDW93 Datasheet
39Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDX54CTU FAIRCHILD-BDX54CTU Datasheet
47Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications
BDW93CF FAIRCHILD-BDW93CF Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications
BDX54 FAIRCHILD-BDX54 Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
BDX53 FAIRCHILD-BDX53 Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
logo
Boca Semiconductor Corp...
MJE15028 BOCA-MJE15028 Datasheet
25Kb / 2P
   HIGH FREQUENCY DRIVERS IN AUDIO AMPLIFIERS
logo
SHIKUES Electronics
2SD1628 SKTECHNOLGY-2SD1628 Datasheet
1Mb / 3P
   Strobe DC-DC convertersm relay drivers, hammer drivers
logo
STMicroelectronics
BC297 STMICROELECTRONICS-BC297 Datasheet
117Kb / 3P
   AUDIO DRIVERS
logo
Cirrus Logic
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com