Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDW24A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BDW24A
Description  Hammer Drivers, Audio Amplifiers Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDW24A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BDW24A Datasheet HTML 1Page - Fairchild Semiconductor BDW24A Datasheet HTML 2Page - Fairchild Semiconductor BDW24A Datasheet HTML 3Page - Fairchild Semiconductor BDW24A Datasheet HTML 4Page - Fairchild Semiconductor BDW24A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BDW24
: BDW24A
: BDW24B
: BDW24C
- 45
- 60
- 80
- 100
V
V
V
V
VCEO
Collector-Emitter Voltage
: BDW24
: BDW24A
: BDW24B
: BDW24C
- 45
- 60
- 80
- 100
V
V
V
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 6
A
ICP
*Collector Current (Pulse)
- 8
A
IB
Base Current
- 0.2
A
PC
Collector Dissipation (TC=25°C)
50
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
BDW24/A/B/C
Hammer Drivers, Audio Amplifiers
Applications
• Power Darlington TR
• Complement to BDW23, BDW23A, BDW23B and BDW23C respectively
1.Base
2.Collector
3.Emitter
1
TO-220


Similar Part No. - BDW24A

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDW24A POINN-BDW24A Datasheet
152Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW24A BOURNS-BDW24A Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BDW24A ISC-BDW24A Datasheet
120Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDW24A NJSEMI-BDW24A Datasheet
142Kb / 2P
   Silicon PNP Darlington Power Transistor
More results

Similar Description - BDW24A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BDW23 FAIRCHILD-BDW23 Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDW93 FAIRCHILD-BDW93 Datasheet
39Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDX54CTU FAIRCHILD-BDX54CTU Datasheet
47Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications
BDW93CF FAIRCHILD-BDW93CF Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications
BDX54 FAIRCHILD-BDX54 Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
BDX53 FAIRCHILD-BDX53 Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
logo
Boca Semiconductor Corp...
MJE15028 BOCA-MJE15028 Datasheet
25Kb / 2P
   HIGH FREQUENCY DRIVERS IN AUDIO AMPLIFIERS
logo
SHIKUES Electronics
2SD1628 SKTECHNOLGY-2SD1628 Datasheet
1Mb / 3P
   Strobe DC-DC convertersm relay drivers, hammer drivers
logo
STMicroelectronics
BC297 STMICROELECTRONICS-BC297 Datasheet
117Kb / 3P
   AUDIO DRIVERS
logo
Cirrus Logic
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com