Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM402 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # FM402
Description  Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FM402 Datasheet(HTML) 1 Page - Leshan Radio Company

  FM402 Datasheet HTML 1Page - Leshan Radio Company FM402 Datasheet HTML 2Page - Leshan Radio Company FM402 Datasheet HTML 3Page - Leshan Radio Company FM402 Datasheet HTML 4Page - Leshan Radio Company FM402 Datasheet HTML 5Page - Leshan Radio Company FM402 Datasheet HTML 6Page - Leshan Radio Company FM402 Datasheet HTML 7Page - Leshan Radio Company FM402 Datasheet HTML 8Page - Leshan Radio Company FM402 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards
of MIL-S-19500
* 1.0 A operation at TA=75
°C with no thermal runaway
* Typical IR less than 1.0
µA
* High temperature soldering guaranteed:
260
°C/10 seconds
Mechanical Data
Case: JEDEC DO-214AC, molded plastic over glass body
We declare that the material of product compliance
Terminals: Plated axial leads, solderable per
with ROHS requirements
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.0023 oz., 0.065 g
Handling precautin:None
Electrical Characteristic
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FM
401
FM
402
FM
403
FM
404
FM
405
FM
406
FM
407
Unit
Device marking code
M01
M02
M03
M04
M05
M06
M07
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000V
Maximum RSM voltage
VRSM
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 1)
R
θJA
°C/W
Operating junction and storage temperature range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FM
401
FM
402
FM
403
FM
404
FM
405
FM
406
FM
407
Unit
Maximum instantaneous forward voltage at 1.0A
VF
V
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage TA = 125
°C
IR
µA
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. 8.0mm2 (.013mm thick) land areas
75
1.1
5.0
50
FM401 thru FM407
Surface Mount Glass Passivated Junction Rectifiers
Reverse Voltage 50 to 1000V Forward Current 1.0A
8.0
1.0
30
–50 to +150


Similar Part No. - FM402

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FM402 LRC-FM402 Datasheet
52Kb / 2P
   1A GLASS PASSIVATED SMA DIODES
logo
AiT Semiconductor Inc.
FM402 AITSEMI-FM402 Datasheet
503Kb / 5P
   GLASS RECTIFIER DIODES REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT1.0A
REV1.0
More results

Similar Description - FM402

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S3A LRC-S3A Datasheet
189Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V
FMAF407 LRC-FMAF407 Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
S2A LRC-S2A Datasheet
291Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
SOD4007T-SH LRC-SOD4007T-SH Datasheet
310Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FMAF207 LRC-FMAF207 Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
SOD4001T-SH LRC-SOD4001T-SH Datasheet
310Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
S2MBF LRC-S2MBF Datasheet
288Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
SOD157-SH LRC-SOD157-SH Datasheet
313Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers
SOD4007-SH LRC-SOD4007-SH Datasheet
322Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers
SOD4007T-SH LRC-SOD4007T-SH_15 Datasheet
310Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com