Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9450GMT-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP9450GMT-HF
Description  Simple Drive Requirement, SO-8 Compatible with Heatsink
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9450GMT-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP9450GMT-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9450GMT-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9450GMT-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9450GMT-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP9450GMT-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Maximum Continuous Drain Current
v.s. Case Temperature
4
0
2
4
6
8
0
1020304050
Q G , Total Gate Charge (nC)
I D =20 A
V DS =15V
0
1000
2000
3000
4000
5000
1
5
9
13
1721
2529
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + Tc
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
1
10
100
1000
0.01
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T C =25
o C
Single Pulse
100us
1ms
10ms
100ms
DC
Operation in this
area limited by
RDS(ON)
0
20
40
60
80
100
120
25
50
75
100
125
150
T C , Case Temperature (
o C )
0
20
40
60
80
100
120
01
23
45
6
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V
T j = -40
o C
Limited by package


Similar Part No. - AP9450GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9450GMT-HF A-POWER-AP9450GMT-HF_14 Datasheet
58Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP9450GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2R403AGMT-HF A-POWER-AP2R403AGMT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
AP4034GMT-HF A-POWER-AP4034GMT-HF Datasheet
95Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
AP0203GMT-HF A-POWER-AP0203GMT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement SO-8 Compatible with Heatsink
AP73T03GMT-HF A-POWER-AP73T03GMT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
AP92U03GMT-HF A-POWER-AP92U03GMT-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
AP9402GMT-HF A-POWER-AP9402GMT-HF Datasheet
102Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
AP3R303GMT-HF A-POWER-AP3R303GMT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement SO-8 Compatible with Heatsink
AP2R403GMT-HF A-POWER-AP2R403GMT-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
AP0904GMT-HF A-POWER-AP0904GMT-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
AP1RA03GMT-HF A-POWER-AP1RA03GMT-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com