Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9451GG-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP9451GG-HF
Description  Simple Drive Requirement, Small Package Outline
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9451GG-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP9451GG-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9451GG-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9451GG-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9451GG-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Simple Drive Requirement
BVDSS
-20V
▼ Small Package Outline
RDS(ON)
135mΩ
▼ Capable of 2.5V Gate Drive
ID
- 2.3A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
100
℃/W
Data and specifications subject to change without notice
201106303
1
AP9451GG-HF
Rating
- 20
+12
-2.3
0.01
Halogen-Free Product
Continuous Drain Current
3
-1.9
Pulsed Drain Current
1
-12
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
3
Thermal Data
Parameter
Total Power Dissipation
Operating Junction Temperature Range
Storage Temperature Range
-55 to 150
Linear Derating Factor
1.25
-55 to 150
G
D
S
D
Advanced Power MOSFETs from APEC provide the designer with the
best combination of fast switching, ruggedized device design, ultra low
on-resistance and cost-effectiveness.
D
G
S
SOT-89
D


Similar Part No. - AP9451GG-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9451GG-HF A-POWER-AP9451GG-HF_14 Datasheet
64Kb / 4P
   Simple Drive Requirement
AP9451GG-HF A-POWER-AP9451GG-HF_16 Datasheet
63Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP9451GG-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2317GN-HF A-POWER-AP2317GN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2309AGN-HF A-POWER-AP2309AGN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2309GN-HF A-POWER-AP2309GN-HF Datasheet
113Kb / 5P
   Simple Drive Requirement, Small Package Outline
AP9451GG A-POWER-AP9451GG Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2305GN-HF A-POWER-AP2305GN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2307GN-HF A-POWER-AP2307GN-HF Datasheet
62Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2316GN-HF A-POWER-AP2316GN-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2304GN-HF A-POWER-AP2304GN-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Small package outline
AP2N7002K-HF A-POWER-AP2N7002K-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2326GN-HF A-POWER-AP2326GN-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Small Package Outline
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com